Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 48Page - Renesas Technology Corp 7480 Datasheet HTML 49Page - Renesas Technology Corp 7480 Datasheet HTML 50Page - Renesas Technology Corp 7480 Datasheet HTML 51Page - Renesas Technology Corp 7480 Datasheet HTML 52Page - Renesas Technology Corp 7480 Datasheet HTML 53Page - Renesas Technology Corp 7480 Datasheet HTML 54Page - Renesas Technology Corp 7480 Datasheet HTML 55Page - Renesas Technology Corp 7480 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-35
HARDWARE
1.10 Input/Output Pins
1.10.3 I/O Ports
(1)
Writes to and Reads from I/O Port Pins
Pin used for input (Ports P0 to P5)
• A read: When reading from port register corresponding to each port, the input value (state of the
pin) is read; the contents of port latch is not read.
• A write: When writing to port register corresponding to each port, data is written only into the port
latch; the state of the pin is unaffected.
Pin used for output (Ports P0, P1, P4, and P5)
• A read: When reading from port register corresponding to each port, the written value into the port
latch is read; the state of the pin is not read. Therefore, even if the output voltage is
affected by the external load etc., the last output value can correctly be read.
• A write: When writing to port register corresponding to each port, data written into a bit of the port
register can be output to the external circuit through the output transistor.
Figure 1.10.10 shows a write and a read of an I/O port pin.
Figure 1.10.10 Write and Read of I/O Port Pin
Note: The P-channel transistor and the N-channel transistor are in a cut-off state.
Pins used for input
• By reading from port register, input level of pin
can be read.
• By writing to port register, writing to port latch is
performed.
Port register
(When Writing)
Port direction
register
(‘0’)
‘H’ level output
‘L’ level output
(Note)
Port register
(When Reading)
Port register
(When Writing)
Port register
(When Reading)
Port direction
register
(‘1’)
Pins used for output
• By reading from port register, port latch can be read.
• By writing to port register, output value can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com