| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 70 Page - Renesas Technology Corp |
|
70 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-53 HARDWARE 1.11 Interrupts 1.11.5 Interrupt Control Figure 1.11.11 shows an interrupt control diagram. Figure 1.11.11 Interrupt Control Diagram Only when all of the following conditions are satisfied, interrupts other than the BRK instruction interrupt are accepted: • Corresponding interrupt request bit is ‘1’ (interrupt requested). • Corresponding interrupt enable bit is ‘1’ (interrupt enabled). • Interrupt disable flag is ‘0’ (interrupt enabled). The priority level of each interrupt is specified by hardware. However, processing of various priorities can be performed under software control by using the above bits and flag. For the interrupt priority levels, refer to Table 1.11.1 Interrupt Sources. Interrupt Request Bits The interrupt request bits indicate whether or not there are interrupt requests. When an interrupt request is generated, an interrupt request bit is set to ‘1’ and informs the external that the interrupt request is generated. After the interrupt is accepted, the interrupt request bit is automatically cleared to ‘0’. The interrupt request bits can be cleared to ‘0’ by software, but they cannot be set to ‘1’. Interrupt Enable Bits The interrupt enable bits control the acceptance of interrupt requests as follows: • When an interrupt enable bit is ‘0’, the acceptance of the corresponding interrupt request is disabled. • When an interrupt enable bit is ‘1’, the acceptance of the corresponding interrupt request is enabled. Interrupt Disable Flag This flag is located in the processor status register. The flag controls the acceptance of the interrupt requests other than the BRK instruction interrupt as follows: • When the interrupt disable flag is ‘0’, the acceptance of interrupt request is enabled. • When the interrupt disable flag is ‘1’, the acceptance of interrupt request is disabled. When the program branches to the interrupt service routine, this flag is automatically set to ‘1’ and disables multiple interrupts. When multiple interrupts are used, clear this flag to ‘0’ at the start of the interrupt service routine. Interrupt request bit Interrupt enable bit Interrupt disable flag BRK instruction Reset Interrupt acceptance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |