Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 20Page - Renesas Technology Corp 7480 Datasheet HTML 21Page - Renesas Technology Corp 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-7
HARDWARE
Table 1.3.2 Performance Overview of 7481 Group
1.3 Performance Overviews
Performance
71 (69 basic instructions of 740 Family and 2 Multiply and
Divide instructions)
0.5
µs (the minimum instructions at f(XIN) = 8 MHz)
8 MHz (Max.)
4096 bytes
8192 bytes
16384 bytes
128 bytes
256 bytes
448 bytes
8 bits
8 bits
4 bits
4 bits
8 bits
4 bits
5 V
–5 mA to 10 mA (P0, P1: CMOS 3-State Buffer)
10 mA (P4, P5: N-Channel open-drain)
8 bits
× 1
16-bit timer
× 2
8-bit timer
× 2
64 levels (Max.)
96 levels (Max.)
192 levels (Max.)
5 external, 8 internal, and 1 software interrupt sources
8-channel analog inputs
(alternative function of Port 2 pins)
Built-in circuit with a feedback resistor; a ceramic resonator external
Built-in circuit
2.7 V to 4.5 V (f(XIN) = (2.2 VCC–2) MHz)
4.5 V to 5.5 V (f(XIN) = 8 MHz)
35 mW (typical value at f(XIN) = 8 MHz)
–20
°C to 85 °C (–40 °C to 85 °C for Extended Operating
Temperature Range Version)
CMOS Silicon Gate
42-Pin Shrink Plastic DIP
42-Pin Shrink Ceramic DIP
44-Pin Plastic QFP
ROM
RAM
I/O
Input
Items
Number of Basic Instructions
Instruction Execution Time
Clock Input Oscillation Frequency
Memory
Size
Input/
Output
Ports
Input/Output
Characteristics
Serial I/O
Timers
Subroutine Nesting
Interrupt Sources
A-D Converter
(Successive Comparison Conversion)
Clock Generator
Watchdog Timer
Power Supply
Power Dissipation
Operating Temperature Range
Device Structure
Package
M37481M2
M37481M4
M37481M8/E8
M37481M2
M37481M4
M37481M8/E8
P0
P1
P4
P5
P2
P3
Input/Output Voltage
Output Current
M37481M2
M37481M4
M37481M8/E8
M37481Mx/E8-XXXSP
M37481MxT/E8T-XXXSP
M37481E8SS
M37481Mx/E8-XXXFP
M37481MxT/E8T-XXXFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com