Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 91Page - Renesas Technology Corp 7480 Datasheet HTML 92Page - Renesas Technology Corp 7480 Datasheet HTML 93Page - Renesas Technology Corp 7480 Datasheet HTML 94Page - Renesas Technology Corp 7480 Datasheet HTML 95Page - Renesas Technology Corp 7480 Datasheet HTML 96Page - Renesas Technology Corp 7480 Datasheet HTML 97Page - Renesas Technology Corp 7480 Datasheet HTML 98Page - Renesas Technology Corp 7480 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 337 page
background image
1-78
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
Figure 1.12.16 Operation Example in Pulse Width Measurement Mode
RL
RL
000016
FFFF16
Time
UF
H
RL
UF
RL
RL
RL
RL
UF
H
A
A
1
3
4
5
8
A
A
A
7
7
6
2
Count source
Timer X stop
control bit
CNTR0 pin input
‘0’ is
written
Count start
Timer X interrupt
request bit
CNTR0 interrupt
request bit
: ‘FFFF16’ is reloaded
: Underflow
: Pulse width
Note: In this case, CNTR0 edge selection bit is ‘0’ (falling edge is valid).
A
: Clearing by writing ‘0’ to interrupt request bit or accepting interrupt request
H(s) =
1
Count source frequency ×
{(Contents of timer latch+1) + 65536
× n}
n: The number of timer interrupt
request generation during measuring.
• When HIGH-level period is measured (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com