Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp 7480 Datasheet HTML 31Page - Renesas Technology Corp 7480 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-11
HARDWARE
Table 1.5.2 Pin Descriptions (2)
1.5 Pin Descriptions
Name
I/O port P0
I/O port P1
Input port P2
Input port P3
I/O port P4
I/O port P5
Function
• 8-bit I/O port pins
• The output structure is CMOS output.
• When an input port is selected, a pull-up transistor can
be connectable by the bit.
• In input mode, a key-on wake up function is provided.
• 8-bit I/O port pins
• The output structure is CMOS output.
• When an input port is selected, a pull-up transistor can
be connected by the 4 bits.
• P12 and P13 serve the alternative functions of the timer
output pins T0 and T1.
• P14, P15, P16, and P17 serve the alternative functions of
the serial I/O pins RxD, TxD, SCLK and SRDY, respectively.
• 8-bit input port pins
• P20–P27 serve the alternative functions of the analog
input pins IN0–IN7.
Note: The 7480 Group has only four pins of P20–P23 (IN0–IN3).
• 4-bit input port pins
• P30 and P31 serve the alternative functions of the external
interrupt input pins INT0 and INT1.
• 4-bit I/O port pins
• The output structure is N-channel open-drain outputs with
built-in clamping diodes.
• P40 and P41 serve the alternative functions of the timer
I/O pins CNTR0 and CNTR1.
Note: The 7480 Group has only two pins of P40 and P41.
• 4-bit I/O port pins
• The output structure is N-channel open-drain outputs with
built-in clamping diodes.
Note: The 7480 Group is not provided with port P5.
Input/
Output
I/O
I/O
Input
Input
I/O
I/O
Pin
P00–P07
P10–P17
P20–P27
P30–P33
P40–P43
P50–P53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com