Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 48Page - Texas Instruments TMS370 Datasheet HTML 49Page - Texas Instruments TMS370 Datasheet HTML 50Page - Texas Instruments TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 24. Peripheral File Frame Compilation (Continued)
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
SPI Module Control Memory Map
P030
SPI SW
RESET
CLOCK
POLARITY
SPI BIT
RATE2
SPI BIT
RATE1
SPI BIT
RATE0
SPI
CHAR2
SPI
CHAR1
SPI
CHAR0
SPICCR
P031
RECEIVER
OVERRUN
SPI INT
FLAG
—
—
—
MASTER/
SLAVE
TALK
SPI INT
ENA
SPICTL
P032
to
P036
Reserved
P037
RCVD7
RCVD6
RCVD5
RCVD4
RCVD3
RCVD2
RCVD1
RCVD0
SPIBUF
P038
Reserved
P039
SDAT7
SDAT6
SDAT5
SDAT4
SDAT3
SDAT2
SDAT1
SDAT0
SPIDAT
P03A
to
P03C
Reserved
P03D
—
—
—
—
SPICLK
DATA IN
SPICLK
DATA OUT
SPICLK
FUNCTION
SPICLK
DATA DIR
SPIPC1
P03E
SPISIMO
DATA IN
SPISIMO
DATA OUT
SPISIMO
FUNCTION
SPISIMO
DATA DIR
SPISOMI
DATA IN
SPISOMI
DATA OUT
SPISOMI
FUNCTION
SPISOMI
DATA DIR
SPIPC2
P03F
SPI
STEST
SPI
PRIORITY
SPI
ESPEN
—
—
—
—
—
SPIPRI
Timer 1 Module Register Memory Map
Modes: Dual-Compare and Capture/Compare
P040
Bit 15
T1 Counter MSbyte
Bit 8
T1CNTR
P041
Bit 7
T1 Counter LSbyte
Bit 0
P042
Bit 15
Compare Register MSbyte
Bit 8
T1C
P043
Bit 7
Compare Register LSbyte
Bit 0
P044
Bit 15
Capture/Compare Register MSbyte
Bit 8
T1CC
P045
Bit 7
Capture/Compare Register LSbyte
Bit 0
P046
Bit 15
Watchdog Counter MSbyte
Bit 8
WDCNTR
P047
Bit 7
Watchdog Counter LSbyte
Bit 0
P048
Bit 15
Watchdog Reset Key
Bit 0
WDRST
P049
WD OVRFL
TAP SEL†
WD
INPUT
SELECT2†
WD
INPUT
SELECT1†
WD
INPUT
SELECT0†
—
T1
INPUT
SELECT2
T1
INPUT
SELECT1
T1 INPUT
SELECT0
T1CTL1
P04A
WD OVRFL
RST ENA†
WD OVRFL
INT ENA
WD OVRFL
INT FLAG
T1 OVRFL
INT ENA
T1 OVRFL
INT FLAG
—
—
T1 SW
RESET
T1CTL2
Mode: Dual-Compare
P04B
T1EDGE
INT FLAG
T1C2
INT FLAG
T1C1
INT FLAG
—
—
T1EDGE
INT ENA
T1C2
INT ENA
T1C1
INT ENA
T1CTL3
P04C
T1
MODE = 0
T1C1
OUT ENA
T1C2
OUT ENA
T1C1
RST ENA
T1CR
OUT ENA
T1EDGE
POLARITY
T1CR
RST ENA
T1EDGE
DET ENA
T1CTL4
Mode: Capture/Compare
P04B
T1EDGE
INT FLAG
—
T1C1
INT FLAG
—
—
T1EDGE
INT ENA
—
T1C1
INT ENA
T1CTL3
† Once the WD OVRFL RST ENA bit is set, these bits cannot be changed until a reset; this applies only to the standard
watchdog and to simple counter. In the hard watchdog, these bits can be modified at any time; the WD INPUT
SELECT2 bits are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com