Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 51Page - Texas Instruments TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments TMS370 Datasheet HTML 57Page - Texas Instruments TMS370 Datasheet HTML 58Page - Texas Instruments TMS370 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
55
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 24. Peripheral File Frame Compilation (Continued)
PF
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
Mode: Dual-Compare
P08B
T2BEDGE1
INT FLAG
T2BC2
INT FLAG
T2BC1
INT FLAG
—
—
T2BEDGE1
INT ENA
T2BC2
INT ENA
T2BC1
INT ENA
T2BCTL2
P08C
T2B
MODE = 0
T2BC1
OUT ENA
T2BC2
OUT ENA
T2BC1
RST ENA
T2BEDGE1
OUT ENA
T2BEDGE1
POLARITY
T2BEDGE1
RST ENA
T2BEDGE1
DET ENA
T2BCTL3
Mode: Dual-Capture
P08B
T2BEDGE1
INT FLAG
T2BEDGE2
INT FLAG
T2BC1
INT FLAG
—
—
T2BEDGE1
INT ENA
T2BEDGE2
INT ENA
T2BC1
INT ENA
T2BCTL2
P08C
T2B
MODE = 1
—
—
T2BC1
RST ENA
T2BEDGE2
POLARITY
T2BEDGE1
POLARITY
T2BEDGE2
DET ENA
T2BEDGE1
DET ENA
T2BCTL3
Modes: Dual-Compare and Dual-Capture
P08D
—
—
—
—
T2BEVT
DATA IN
T2BEVT
DATA OUT
T2BEVT
FUNCTION
T2BEVT
DATA DIR
T2BPC1
P08E
T2BIC2 / PWM
DATA IN
T2BIC2 / PWM
DATA OUT
T2BIC2 / PWM
FUNCTION
T2BIC2 / PWM
DATA DIR
T2BIC1/CR
DATA IN
T2BIC1/CR
DATA OUT
T2BIC1/CR
FUNCTION
T2BIC1/CR
DATA DIR
T2BPC2
P08F
T2B STEST
T2B
PRIORITY
—
—
—
—
—
—
T2BPRI
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range‡,VCC1, VCC2, VCC3 (see Note 1)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, All pins except MC
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current per buffer, IO (VO = 0 to VCC1)(see Note 1)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ICC current
170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum ISS current
– 170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: L version
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A version
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
T version
– 40
°C to 105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ VCC1 = VCC
NOTE 1: Electrical characteristics are specified with all output buffers loaded with the specified IO current. Exceeding the specified IO current
in any buffer can affect the levels on other buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com