Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 62Page - Texas Instruments TMS370 Datasheet HTML 63Page - Texas Instruments TMS370 Datasheet HTML 64Page - Texas Instruments TMS370 Datasheet HTML 65Page - Texas Instruments TMS370 Datasheet HTML 66Page - Texas Instruments TMS370 Datasheet HTML 67Page - Texas Instruments TMS370 Datasheet HTML 68Page - Texas Instruments TMS370 Datasheet HTML 69Page - Texas Instruments TMS370 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
66
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SCI1 isosynchronous-mode timing characteristics and requirements for external clock
(see Note 14 and Figure 30)
NO.
MIN
MAX
UNIT
31
tc(SCC)
Cycle time, SCICLK
10tc
ns
32
tw(SCCL)
Pulse duration, SCICLK low
4.25tc + 120
ns
33
tw(SCCH)
Pulse duration, SCICLK high
tc + 120
ns
34
td(SCCL-TXDV)
Delay time, SCITXD valid after SCICLK low
4.25tc + 145
ns
35
tv(SCCH-TXD)
Valid time, SCITXD data valid after SCICLK high
tw(SCCH)
ns
36
tsu(SIMO-SCCH)
Setup time, SCIRXD to SCICLK high
40
ns
37
tv(SCCH-RXD)
Valid time, SCIRXD data after SCICLK high
2tc
ns
NOTE 14: tc = system-clock cycle time = 1 / SYSCLK
SCIRXD
SCITXD
SCICLK
36
35
31
33
32
Data Valid
Data Valid
34
37
Figure 30. SCI1 Isosynchronous-Mode Timing for External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com