Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data EEPROM (continued)
–
Internal charge pump circuitry. No external EEPROM programming voltage supply is needed.
–
Control register: Data EEPROM programming is controlled by the data EEPROM control register
(DEECTL) located in the PF frame beginning at location P01A.
–
In-circuit programming capability: There is no need to remove the device to program it.
D Write-protection: Writes to the data EEPROM are disabled during the following conditions:
–
Reset: All programming of the data EEPROM module is halted.
–
Write protection active: there is one write-protect bit per 32-byte EEPROM block.
–
Low-power mode operation
D Write protection can be overridden by applying 12 V to MC.
Table 7 shows the memory map of the control registers.
Table 7. Data EEPROM and Program EPROM Control Registers Memory Map
ADDRESS
SYMBOL
NAME†
P014
EPCTLH
Program EPROM control register – high array
P015 – P016
Reserved
P017
INT1
External interrupt 1 control register
P018
INT2
External interrupt 2 control register
P019
INT3
External interrupt 3 control register
P01A
DEECTL
Data EEPROM control register
P01B
Reserved
P01C
EPCTLM
Program EPROM control register – middle array
P01D
Reserved
P01E
EPCTLL
Program EPROM control register – low array
† For the 24K- and 32K-byte EPROM device, the program memory is controlled by P01C and P01E; for the 48K-byte EPROM device, the program
memory is controlled by P014, P01C, and P01E.
program EPROM
The ‘370C767 program EPROM consists of 24K bytes that are made up of one 16K-byte array and one 8K-byte
array of EPROM; the 16K-byte array is located at address locations 2000h through 5FFFh, and the 8K-byte
array is located at address locations 6000h through 7FFFh. The ‘370C768 program EPROM consists of 32K
bytes that are made up of two 16K-byte arrays of EPROM; the first 16K-byte array is located at address locations
2000h through 5FFFh, and the second 16K-byte array is located at address locations 6000h through 9FFFh.
The ’370C769 program EPROM consists of 48K bytes that are made up of three 16K-byte arrays of EPROM;
the first 16K-byte array is located at address locations 2000h through 5FFFh, the second 16K-byte array is
located at address locations 6000h through 9FFFh, the third 16K-byte array is located at address locations
A000h through DFFFh as shown in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com