Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments TMS370 Datasheet HTML 20Page - Texas Instruments TMS370 Datasheet HTML 21Page - Texas Instruments TMS370 Datasheet HTML 22Page - Texas Instruments TMS370 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts (continued)
Table 11. Hardware-System Interrupts
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
VECTOR
ADDRESS
PRIORITY†
External RESET
Watchdog overflow
Oscillator fault detect
COLD START
WD OVRFL INT FLAG
OSC FLT FLAG
RESET‡
7FFEh, 7FFFh
1
External INT1
INT1 FLAG
INT1‡
7FFCh, 7FFDh
2
External INT2
INT2 FLAG
INT2‡
7FFAh, 7FFBh
3
External INT3
INT3 FLAG
INT3‡
7FF8h, 7FF9h
4
SPI RX/TX complete
SPI INT FLAG
SPIINT
7FF6h, 7FF7h
5
Timer 1 overflow
Timer 1 compare 1
Timer 1 compare 2
Timer 1 external edge
Timer 1 input capture 1
Watchdog overflow
T1 OVRFL INT FLAG
T1C1 INT FLAG
T1C2 INT FLAG
T1EDGE INT FLAG
T1IC1 INT FLAG
WD OVRFL INT FLAG
T1INT§
7FF4h, 7FF5h
6
SCI RX data register full
SCI RX break detect
RXRDY FLAG
BRKDT FLAG
RXINT‡
7FF2h,7FF3h
7
SCI TX data register empty
TXRDY FLAG
TXINT
7FF0h, 7FF1h
8
Timer 2A overflow
Timer 2A compare 1
Timer 2A compare 2
Timer 2A external edge
Timer 2A input capture 1
Timer 2A input capture 2
T2A OVRFL INT FLAG
T2AC1 INT FLAG
T2AC2 INT FLAG
T2AEDGE INT FLAG
T2AIC1 INT FLAG
T2AIC2 INT FLAG
T2AINT
7FEEh, 7FEFh
9
ADC1 conversion complete
AD INT FLAG
ADINT
7FECh, 7FEDh
10
Timer 2B overflow
Timer 2B compare 1
Timer 2B compare 2
Timer 2B external edge
Timer 2B input capture 1
Timer 2B input capture 2
T2B OVRFL INT FLAG
T2BC1 INT FLAG
T2BC2 INT FLAG
T2BEDGE INT FLAG
T2BIC1 INT FLAG
T2BIC2 INT FLAG
T2BINT
7FBEh, 7FBFh
11
† Relative priority within an interrupt level
‡ Release microcontroller from STANDBY and HALT low-power modes
§ Release microcontroller from STANDBY low-power mode
privileged operation and EEPROM write-protection override
The TMS370Cx6x family has significant flexibility to enable the designer to software-configure the system and
peripherals to meet the requirements of a broad variety of applications. The nonprivileged mode of operation
ensures the integrity of the system configuration, once it is defined for an application. Following a hardware
reset, the TMS370Cx6x operates in the privileged mode, where all peripheral file registers have unrestricted
read/write access, and the application program configures the system during the initialization sequence
following reset. As the last step of system initialization, the PRIVILEGE DISABLE bit (SCCR2.0) should be set
to 1 to enter the nonprivileged mode, disabling write operations to specific configuration control bits within the
peripheral file. Table 12 lists the system configuration bits that are write-protected during the nonprivileged
mode and must be configured by software prior to exiting the privileged mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com