Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 52Page - Texas Instruments TMS370 Datasheet HTML 53Page - Texas Instruments TMS370 Datasheet HTML 54Page - Texas Instruments TMS370 Datasheet HTML 55Page - Texas Instruments TMS370 Datasheet HTML 56Page - Texas Instruments TMS370 Datasheet HTML 57Page - Texas Instruments TMS370 Datasheet HTML 58Page - Texas Instruments TMS370 Datasheet HTML 59Page - Texas Instruments TMS370 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC1
Supply voltage (see Note 2)
4.5
5
5.5
V
VCC1
RAM data-retention supply voltage (see Note 3)
3
5.5
V
VCC2 Digital I/O supply voltage (see Note 2)
4.5
5
5.5
V
VCC3 Analog supply voltage (see Note 2)
4.5
5
5.5
V
VSS2
Digital I/O supply ground
– 0.3
0
0.3
V
VSS3
Analog supply ground
– 0.3
0
0.3
V
VIL
Low level input voltage
All pins except MC
VSS1
0.8
V
VIL
Low-level input voltage
MC, normal operation
VSS1
0.3
V
All pins except MC, XTAL2 / CLKIN, and
RESET
2
VCC1
VIH
High-level input voltage
MC (non-WPO mode)
VCC1 – 0.3
VCC1 + 0.3
V
IH
gg
XTAL2 / CLKIN
0.8 VCC1
VCC1
RESET
0.7 VCC1
VCC1
EEPROM write protect override (WPO)
11.7
12
13
VMC
MC (mode control) voltage
EPROM programming voltage (VPP)
13
13.2
13.5
V
VMC
()
g
(see Note 4)
Microprocessor
VCC1 – 0.3
VCC1 + 0.3
V
Microcomputer
VSS1
0.3
L version
0
70
TA
Operating free-air temperature
A version
– 40
85
°C
T version
– 40
105
NOTES:
2. Unless otherwise noted, all voltage values are with respect to VSS1.
3. RESET must be activated externally when VCC1 or SYSCLK is out of the recommended operating range.
4. The basic microcomputer and microprocessor operating modes are selected by the voltage level applied to the dedicated MC pin
two system-clock cycles (tc) before RESET goes inactive (high). The WPO mode can be selected anytime that a sufficient voltage
is present on MC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com