Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 64Page - Texas Instruments TMS370 Datasheet HTML 65Page - Texas Instruments TMS370 Datasheet HTML 66Page - Texas Instruments TMS370 Datasheet HTML 67Page - Texas Instruments TMS370 Datasheet HTML 68Page - Texas Instruments TMS370 Datasheet HTML 69Page - Texas Instruments TMS370 Datasheet HTML 70Page - Texas Instruments TMS370 Datasheet HTML 71Page - Texas Instruments TMS370 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
68
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SPI-slave mode external timing characteristics and requirements (see Note 14 and Figure 32)
NO.
MIN
MAX
UNIT
45
tc(SPC)S
Cycle time, SPICLK
8tc
ns
46
tw(SPCL)S
Pulse duration, SPICLK low
4tc – 45 0.5tc(SPC)S+45
ns
47
tw(SPCH)S
Pulse duration, SPICLK high
4tc – 45 0.5tc(SPC)S+45
ns
48
td(SPCL-SOMIV)S Delay time, SPISOMI valid after SPICLK low (polarity = 1)
3.25tc + 130
ns
49
tv(SPCH-SOMI)S
Valid time, SPISOMI data valid after SPICLK high (polarity =1)
tw(SPCH)S
ns
50
tsu(SIMO-SPCH)S Setup time, SPISIMO to SPICLK high (polarity = 1)
0
ns
51
tv(SPCH-SIMO)S
Valid time, SPISIMO data after SPICLK high (polarity = 1)
3tc + 100
ns
NOTE 14: tc = system-clock cycle time = 1 / SYSCLK
Data Valid
Data Valid
SPISOMI
SPISIMO
SPICLK
51
50
49
48
45
47
46
NOTE A: The diagram shows polarity = 1. SPICLK is inverted when polarity = 0.
Figure 32. SPI-Slave External Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com