Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 61Page - Texas Instruments TMS370 Datasheet HTML 62Page - Texas Instruments TMS370 Datasheet HTML 63Page - Texas Instruments TMS370 Datasheet HTML 64Page - Texas Instruments TMS370 Datasheet HTML 65Page - Texas Instruments TMS370 Datasheet HTML 66Page - Texas Instruments TMS370 Datasheet HTML 67Page - Texas Instruments TMS370 Datasheet HTML 68Page - Texas Instruments TMS370 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SCI1 isosynchronous-mode timing characteristics and requirements for internal clock
(see Note 14 and Figure 29)
NO.
MIN
MAX
UNIT
24
tc(SCC)
Cycle time, SCICLK
2tc
131 072tc
ns
25
tw(SCCL)
Pulse duration, SCICLK low
tc – 45
0.5tc(SCC)+45
ns
26
tw(SCCH)
Pulse duration, SCICLK high
tc – 45
0.5tc(SCC)+45
ns
27
td(SCCL-TXDV)
Delay time, SCITXD valid after SCICLK low
– 50
60
ns
28
tv(SCCH-TXD)
Valid time, SCITXD data valid after SCICLK high
tw(SCCH) – 50
ns
29
tsu(RXD-SCCH)
Setup time, SCIRXD to SCICLK high
0.25 tc + 145
ns
30
tv(SCCH-RXD)
Valid time, SCIRXD data valid after SCICLK high
0
ns
NOTE 14: tc = system-clock cycle time = 1 / SYSCLK
SCIRXD
SCITXD
SCICLK
29
28
24
26
25
Data Valid
Data Valid
27
30
Figure 29. SCI1 Isosynchronous-Mode Timing for Internal Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com