Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map (continued)
Memory Expansion
48K-Byte ROM / EPROM
(2000h–DFFFh)
Interrupts and Reset
Vectors; Trap Vectors
Peripheral File Control Registers
1000h–100Fh
Reserved
Reserved†
1F00h
24K-Byte ROM
(2000h–7FFFh)
256-Byte Data EEPROM
(1F00h–1FFFh)
Peripheral Expansion
Peripheral File
3.5K-Byte RAM
(0000h–0DFFh)
1K-Byte RAM
(0000h–03FFh)
0000h
0400h
10C0h
1100h
2000h
7FBEh
8000h
A000h
E000h
FFFFh
Microprocessor Mode¶
Microprocessor With
Internal Program
Memory
Microcomputer
Mode With External
Expansion
’X67
Microcomputer
Single Chip Mode
FFFFh
E000h
A000h
8000h
1F00h
10C0h
1000h
0E00h
0400h
0000h
’X68
’X69
Not Available‡
(N / A)
Not Available‡
Reserved†
On-Chip For TMS370Cx69 Devices
On-Chip For TMS370Cx68 Devices
On-Chip For TMS370Cx67 Devices
2000h
1100h
Reserved†
’X67
’X68
’X69
External§
Reserved†
External§
N/ A‡
Reserved†
’X67
’X68
’X69
External§
Reserved†
External§
N/ A‡
Reserved†
’X67
’X68
’X69
External§
Reserved†
External§
Reserved
0E00h
1000h
Reserved
1010h–101Fh
System Control
1020h–102Fh
Digital Port Control
1030h–103Fh
SPI Peripheral Control
32K-Byte ROM / EPROM
(2000h–9FFFh)
1040h–104Fh
Timer 1 Peripheral Contr.
1050h–105Fh
SCI1 Peripheral Contr.
1060h–106Fh
Timer 2A Peripheral Contr.
1070h–107Fh
ADC1 Peripheral Contr.
1080h–108Fh
Timer 2B Periph. Contr.
1090h–109Fh
Reserved
Vectors
7FBEh–7FBFh
Timer 2B
7FC0h–7FCFh
Trap 15 – 0
7FE0h–7FEBh
Reserved
7FECh–7FEDh
A / D Converter
7FEEh–7FEFh
Timer 2A
7FF0h–7FF1h
Serial Comm I / F TX
7FF2h–7FF3h
Serial Comm I / F RX
7FF4h–7FF5h
Timer 1
7FF6h–7FF7h
Serial Peripferal I / F
7FF8h–7FF9h
Interrupt 3
7FFAh–7FFBh
Interrupt 2
7FFCh–7FFDh
Interrupt 1
7FFEh–7FFFh
Reset
† Reserved = the address space is reserved for future expansion.
‡ Not available (N /A) = address space is unavailable in the mode illustrated.
§ Precoded chip select outputs available on external expansion bus.
¶ Microprocessor mode is designed for ROM-less devices. ROM and EPROM devices also can be used in this mode, but all on-chip memory is
ignored.
Figure 3. TMS370Cx6x Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com