Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CPU
The CPU used on TMS370Cx6x devices is the high-performance 8-bit TMS370 CPU module. The ’x6x
implements an efficient register-to-register architecture that eliminates the conventional accumulator
bottleneck. The complete ’x6x instruction set is summarized in Table 22. Figure 1 illustrates the CPU registers
and memory blocks.
0000h
0400h
1000h
10C0h
1100h
Interrupts and Reset Vectors;
Trap Vectors
FFFFh
0
RAM (Includes 256-Byte Registers File)
0
15
Program Counter (PC)
7
Legend:
Z=Zero
IE1=Level1 interrupts Enable
C=Carry
V=Overflow
N=Negative
IE2=Level2 interrupts Enable
IE1
IE2
Z
N
C
0
1
2
3
4
5
6
7
V
Status Register (ST)
Stack Pointer (SP)
R0(A)
R1(B)
R3
R127
0000h
0001h
0002h
007Fh
R255
0003h
R2
00FFh
Reserved†
24K-Byte ROM (2000h – 7FFFh)
1F00h
0100h
0E00h
32K-Byte ROM / EPROM (2000h – 9FFFh)
48K-Byte ROM / EPROM (2000h – DFFFh)
Memory Expansion
2000h
7FBEh
A000h
E000h
1K-Byte RAM (0000h – 03FFh)
3.5K-Byte RAM (0000h – 0DFFh)
Peripheral File
Peripheral Expansion
Reserved
256-Byte Data EEPROM
00FFh
03FFh
0FFFh
10BFh
10FFh
1EFFh
0DFFh
1FFFh
7FBDh
8000h
7FFFh
9FFFh
DFFFh
† Reserved means the address space is reserved for future expansion.
Figure 1. Programmer’s Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com