| Electronic Components Datasheet Search |
|
TMS370 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS370 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 73 page ![]() TMS370Cx6x 8-BIT MICROCONTROLLER SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 20 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 privileged operation and EEPROM write-protection override (continued) Table 12. Privileged Bits REGISTER† CONTROL BIT NAME LOCATION CONTROL BIT SCCRO P010.5 P010.6 PF AUTOWAIT OSC POWER SCCR1 P011.2 P011.4 MEMORY DISABLE AUTOWAIT DISABLE SCCR2 P012.0 P012.1 P012.3 P012.4 P012.6 P012.7 PRIVILEGE DISABLE INT1 NMI CPU STEST BUS STEST PWRDWN/IDLE HALT/STANDBY SPIPRI P03F.5 P03F.6 P03F.7 SPI ESPEN SPI PRIORITY SPI STEST SCIPRI P05F.4 P05F.5 P05F.6 P05F.7 SCI ESPEN SCIRX PRIORITY SCITX PRIORITY SCI STEST T1PRI P04F.6 P04F.7 T1 PRIORITY T1 STEST T2APRI P06F.6 P06F.7 T2A PRIORITY T2A STEST ADPRI P07F.5 P07F.6 P07F.7 AD ESPEN AD PRIORITY AD STEST T2BPRI P08F.6 P08F.7 T2B PRIORITY T2B STEST † The privileged bits are shown in a bold typeface in Table 14. The write-protect override (WPO) mode provides an external hardware method of overriding the write-protection registers of data EEPROM on the TMS370Cx6x.The WPO mode is entered by applying a 12-V input to MC after RESET input goes high (logic 1). The high voltage on MC during the WPO mode is not the programming voltage for the data EEPROM or program EPROM. All EEPROM programming voltages are generated on-chip. The WPO mode provides hardware system-level capability to modify the content of the data EEPROM while the device remains in the application but only while requiring a 12-V external input on the MC pin (normally not available in the end application except in a service or diagnostic environment). low-power and IDLE modes The TMS370Cx6x devices have two low-power modes (STANDBY and HALT) and an IDLE mode. For mask-ROM devices, low-power modes can be disabled permanently through a programmable contact at the time when the mask is manufactured. The STANDBY and HALT low-power modes significantly reduce power consumption by reducing or stopping the activity of the various on-chip peripherals when processing is not required. Each of the low-power modes is entered by executing the IDLE instruction when the PWRDWN/IDLE bit in SCCR2 has been set to 1. The HALT / STANDBY bit in SCCR2 controls which low-power mode is entered. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |