Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments TMS370 Datasheet HTML 18Page - Texas Instruments TMS370 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
program EPROM (continued)
Table 8. EPROM Memory Map
’767
’768
’769
EPROM
size
24K Bytes
32K Bytes
48K Bytes
Memory
mapped
16K
2000h – 5FFFh
8K
6000h– 7FFFh
First 16K
2000h – 5FFFh
Second 16K
6000h – 9FFFh
First 16K
2000h – 5FFFh
Second 16K
6000h – 9FFFh
Third 16K
A000h – DFFFh
Contol
registers
EPCTLL
P01E
EPCTLM
P01C
EPCTLL
P01E
EPCTLM
P01C
EPCTLL
P01E
EPCTLM
P01C
EPCTLH
P014
The EPROM memory map in Table 8 expresses the following:
–
For the 24K-byte EPROM, the 16K-byte array is controlled by EPCTLL register, located at 101Eh
(P01E); the 8K-byte array is controlled by EPCTLM register, located at 101Ch (P01C).
–
For the 32K-byte EPROM, the first 16-byte array is controlled by EPCTLL register, located at 101Eh
(P01E); the second 16K-byte array is controlled by EPCTLM register, located at 101Ch (P01C).
–
For the 48K-bytes EPROM, the first 16K-byte array is controlled by EPCTLL register, located at 101Eh
(P01E); the second 16K-byte array is controlled by EPCTLM register, located at 101Ch (P01C); the third
16K-byte array is controlled by EPCTLH register, located at 1014h (P014).
Reading the program-EPROM modules is identical to reading other internal memory. During programming, the
EPROM is controlled by the EPCTL. The program EPROM modules’ features include:
D Programming
–
In-circuit programming capability if VPP is applied to MC
–
Control register: Program EPROM programming is controlled by the program EPROM control registers
(EPCTLL, EPCTLM, and EPCTLH) located in the PF frame as shown in Table 7.
–
Programming one EPROM module while executing the other
D Write protection: Writes to the program EPROM are disabled under the following conditions:
–
Reset: All programming to the EPROM module is halted.
–
Low-power modes
–
13 V not applied to MC
program ROM
The program ROM consists of 24K, 32K or 48K bytes of mask-programmable ROM. The program ROM is used
for permanent storage of data or instructions. Programming of the mask ROM is performed at the time of device
fabrication. Table 9 shows the program ROM memory map.
Table 9. ROM Memory Map†
‘067
’068
‘069
ROM Size
24K Bytes
32K Bytes
48K Bytes
Memory Mapped
2000h – 7FFFh
2000h – 9FFFh
2000h – DFFFh
† Memory addresses 7FE0h through 7FEBh are reserved for Texas Instruments Incorporated. Memory addresses 7FBEh through 7FBFh and
7FECh through 7FFFh are reserved for interrupts and reset vectors. Trap vectors, used with TRAP0 through TRAP15 instructions, are located
at addresses 7FC0h and 7FCFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com