Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 32Page - Texas Instruments TMS370 Datasheet HTML 33Page - Texas Instruments TMS370 Datasheet HTML 34Page - Texas Instruments TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial peripheral interface (SPI) module
The SPI is a high-speed, synchronous, serial I/O port that allows a serial bit stream of programmed length
(1 to 8 bits) to be shifted into and out of the device at a programmable bit-transfer rate.The SPI is used normally
for communications between the microcontroller and external peripherals or another microcontroller. Typical
applications include external I/O or peripheral expansion using devices such as shift registers, display drivers,
and analog-to-digital (A/D) converters. The master/slave operation of the SPI supports multi-device
communications. The SPI module features include the following:
D Three external pins:
–
SPISOMI: SPI slave output/master input pin or general-purpose bidirectional I/O pin
–
SPISIMO: SPI slave input/master output pin or general-purpose bidirectional I/O pin
–
SPICLK: SPI serial-clock pin or general-purpose bidirectional I/O pin
D Two operational modes: master and slave
D Baud rate: Eight different programmable rates
–
Maximum baud rate in master mode: 2.5M bps at 5-MHz SYSCLK
SPI BAUD RATE
+ SYSCLK
2
2b
where b = bit rate in SPICCR.5-3 (range 0–7)
–
Maximum baud rate in slave mode: 625K bps at 5-MHz SYSCLK
For maximum slave SPI BAUD RATE < SYSCLK/8
D Data-word format: one to eight data bits
D Simultaneous receiver and transmitter operation (transmit function can be disabled in software)
D Transmitter and receiver operations are accomplished through either interrupt-driven or polled algorithms.
D Seven SPI module-control registers: located in control register frame beginning at address P030h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com