Electronic Components Datasheet Search
  English  ▼

X  

TMS370 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 34Page - Texas Instruments TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments TMS370 Datasheet HTML 41Page - Texas Instruments TMS370 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial peripheral interface (SPI) module (continued)
The SPI block diagram is illustrated in Figure 14.
SPIBUF Buffer
Register
SPIDAT
Data Register
SPIBUF.7-0
State Control
SPI CHAR
SPI BIT RATE
CLOCK POLARITY
SPI INT FLAG
SPICTL.6
SPIINT ENA
SPICTL.0
RECEIVER
OVERRUN
8
SPIDAT.7-0
SPICTL.1
TALK
20
1
3
4
5
SPICCR.2-0
SPICCR.5-3
System
Clock
SPICCR.6
SPICLK
MASTER/SLAVE†
SPICTL.7
Level 2 INT
SPIPRI.6
1
SPIPC2.7-4
SPISIMO
SPICTL.2
SPIPC1.3-0
SPISOMI
SPIPC2.3-0
Level 1 INT
0
† The diagram is shown in slave mode.
Figure 14. SPI Block Diagram
serial communications interface 1 (SCI1) module
The TMS370x6x devices include a serial communications interface (SCI1) module. The SCI1 module supports
digital communications between the TMS370 devices and other asynchronous peripherals and uses the
standard non-return-to-zero (NRZ) format. The SCI1’s receiver and transmitter are double buffered, and each
has its own separate enable and interrupt bits. Both can be operated independently or simultaneously in the
full-duplex mode. To ensure data integrity, the SCI1 checks received data for break detection, parity, overrun,
and framing errors. The speed of bit rate (baud) is programmable to over 65,000 different speeds through a
16-bit baud-select register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com