Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 61Page - Maxim Integrated Products DS1876 Datasheet HTML 62Page - Maxim Integrated Products DS1876 Datasheet HTML 63Page - Maxim Integrated Products DS1876 Datasheet HTML 64Page - Maxim Integrated Products DS1876 Datasheet HTML 65Page - Maxim Integrated Products DS1876 Datasheet HTML 66Page - Maxim Integrated Products DS1876 Datasheet HTML 67Page - Maxim Integrated Products DS1876 Datasheet HTML 68Page - Maxim Integrated Products DS1876 Datasheet HTML 69Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
______________________________________________________________________________________ 65
SFP Controller with Dual LDD Interface
Table 04h, Register F8h–FFh: MOD OFFSET LUT
Table 06h Register Descriptions
Table 06h, Register 80h–C7h: APC LUT
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL46)
WRITE ACCESS
PW2 or (PW1 and RWTBL46)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (EE)
F8h–FFh
29
28
27
26
25
24
23
22
BIT 7
BIT 0
The digital value for the temperature offset of the MOD1 and MOD2 DAC outputs.
F8h
Less than or equal to -8NC
F9h
Greater than -8NC up to +8NC
FAh
Greater than +8NC up to +24NC
FBh
Greater than +24NC up to +40NC
FCh
Greater than +40NC up to +56NC
FDh
Greater than +56NC up to +72NC
FEh
Greater than +72NC up to +88NC
FFh
Greater than +88NC
The MOD DAC is a 10-bit value. The MODULATION LUT is an 8-bit LUT. The MOD OFFSET LUT times 4 plus
the MODULATION LUT makes use of the entire 10-bit range.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL46)
WRITE ACCESS
PW2 or (PW1 and RWTBL46)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (EE)
80h–C7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The digital value for the APC1 DAC (A2h address) and APC2 DAC (B2h address) outputs. The APC LUT is a
set of registers assigned to hold the temperature profile for the APC1 and APC2 DACs. The temperature mea-
surement is used to index the LUT (TINDEX, Table 02h, Register 81h) in 2NC increments from -40NC to +102NC,
starting at 80h. Register 80h defines the -40NC to -38NC APC output, Register 81h defines -38NC to -36NC APC
output, and so on. Values recalled from this EEPROM memory table are written into the APC1 and APC2 DACs
(Table 02h, Registers CAh–CBh, CEh–CFh) locations that hold the values until the next temperature conver-
sion. The part can be placed into a manual mode (APC1EN and APC2EN bits, Table 02h, Register 80h), where
APC1 and APC2 DACs are directly controlled for calibration. If the temperature compensation functionality is not
required, program the entire Table 06h to the desired APC setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com