Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 22Page - Maxim Integrated Products DS1876 Datasheet HTML 23Page - Maxim Integrated Products DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
26 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Table 02h Register Map
Table 04h Register Map
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
*The final result must be XORed with BB40h before writing to this register.
The access codes represent the factory default values of PW_ENA and PW_ENB (Table 02h, Registers C0h–C1h).
These registers also allow for custom permissions.
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
TABLE 02h (PW2)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80
<0/C> CONFIG0
<8/C>MODE
<4/C>TINDEX
RESERVED
RESERVED
RESERVED
RESERVED
<10> DEVICE ID <10> DEVICE VER
88
<8/C> CONFIG1
CNFGA
CNFGB
CNFGC
DEVICE ADDRESS
RANGING2
RANGING1
RSHIFT2
RSHIFT1
90
<8/C> SCALE0
RESERVED
VCC SCALE
RESERVED
RESERVED
98
<8/C> SCALE1
BMON2 SCALE
PMON2 SCALE
BMON1 SCALE
PMON1 SCALE
A0
<8/C> OFFSET0
INTERNAL TEMP OFFSET*
VCC OFFSET
RESERVED
RESERVED
A8
<8/C> OFFSET1
BMON2 OFFSET
PMON2 OFFSET
BMON1 OFFSET
PMON1 OFFSET
B0
<9/C> PWD VALUE
PW1 MSW
PW1 LSW
PW2 MSW
PW2 LSW
B8
<8/C> THRESHOLD
RESERVED
HBIAS2 DAC
HTXP2 DAC
LTXP2 DAC
RESERVED
HBIAS1 DAC
HTXP1 DAC
LTXP1 DAC
C0
<8/C> PWD ENABLE
PW_ENA
PW_ENB
RESERVED
RESERVED
RESERVED
RESERVED
POLARITY
TBLSELPON
C8
<4/C> DAC VALUES
MOD2 DAC
APC2 DAC
MOD1 DAC
APC1 DAC
D0–FF
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
TABLE 04h (MODULATION LUT)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–C7
<8/D> LUT4
MOD
MOD
MOD
MOD
MOD
MOD
MOD
MOD
C8–F7
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
F8
<8/D> MOD OFFSET
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
MOD OFFSET
LUT
ACCESS
CODE
<0/_>
<1/_>
<2/_>
<3/_>
<4/_>
<5/_>
<6/_>
<7/_>
<8/_>
<9/_>
<10/_>
<11/_>
Read
Access
See each
bit/byte
separately
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
PW2
N/A
All and
DS1876
Hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com