Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 33Page - Maxim Integrated Products DS1876 Datasheet HTML 34Page - Maxim Integrated Products DS1876 Datasheet HTML 35Page - Maxim Integrated Products DS1876 Datasheet HTML 36Page - Maxim Integrated Products DS1876 Datasheet HTML 37Page - Maxim Integrated Products DS1876 Datasheet HTML 38Page - Maxim Integrated Products DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
______________________________________________________________________________________ 37
SFP Controller with Dual LDD Interface
Lower Memory, Register 71h: ALARM2
Lower Memory, Register 72h: ALARM1
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
N/A
A2h AND B2h MEMORY
Mixed A2h and B2h memory locations
MEMORY TYPE
Volatile
71h
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
<C>
TXFOUTS
<D>
FETG
<D>
TXFINT
BIT 7
BIT 0
BITS 7:3
RESERVED
BIT 2
TXFOUTS: TXFOUT status. Indicates the state the open-drain output is attempting to achieve.
0 = TXFOUT is pulling low.
1 = TXFOUT is high impedance.
BIT 1
FETG: Status of internal signal FETG. The FETG signal is part of the internal shutdown logic.
0 = (default) FETG is low.
1 = FETG is high.
BIT 0
TXFINT: TXF interrupt. This bit is the wire-ORed logic of all alarms and warnings wire-ANDed with
their corresponding enable bits, plus the wire-ORed logic of HBAL, TXP HI, and TXP LO. The enable
bits are found in Table 01h/05h, Registers F8h–FFh.
POWER-ON VALUE
00h
READ ACCESS
All
WRITE ACCESS
N/A
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Volatile
72h
RESERVED
RESERVED
RESERVED
RESERVED
HBAL
RESERVED
TXP HI
TXP LO
BIT 7
BIT 0
BITS 7:4, 2
RESERVED
BIT 3
HBAL: High bias alarm status; fast comparison. A TXD event clears this alarm.
0 = (default) Last comparison was below threshold setting.
1 = Last comparison was above threshold setting.
BIT 1
TXP HI: High alarm status TXP; fast comparison. A TXD event clears this alarm.
0 = (default) Last comparison was below threshold setting.
1 = Last comparison was above threshold setting.
BIT 0
TXP LO: Low alarm status TXP; fast comparison. A TXD event clears this alarm.
0 = (default) Last comparison was above threshold setting.
1 = Last comparison was below threshold setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com