Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products DS1876 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
28 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Lower Memory Register Descriptions
Lower Memory, Register 00h–01h: TEMP ALARM HI
Lower Memory, Register 04h–05h: TEMP WARN HI
Lower Memory, Register 02h–03h: TEMP ALARM LO
Lower Memory, Register 06h–07h: TEMP WARN LO
FACTORY DEFAULT
7FFFh
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
00h, 04h
S
26
25
24
23
22
21
20
01h, 05h
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
BIT 7
BIT 0
Temperature measurement updates above this two’s complement threshold set its corresponding alarm or
warning bit. Temperature measurement updates equal to or below this threshold clear its alarm or warning bit.
FACTORY DEFAULT
8000h
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
02h, 06h
S
26
25
24
23
22
21
20
03h, 07h
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
BIT 7
BIT 0
Temperature measurement updates below this two’s complement threshold set its corresponding alarm or
warning bit. Temperature measurement updates equal to or above this threshold clear its alarm or warning bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com