Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products DS1876 Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
______________________________________________________________________________________ 43
SFP Controller with Dual LDD Interface
Table 01h, Register FCh: WARN EN3
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1C) or (PW1 and RTBL1C)
WRITE ACCESS
PW2 or (PW1 and RWTBL1C)
A2h AND B2h MEMORY
Mixture of common memory locations and different memory locations (see the bit
descriptions)
MEMORY TYPE
Nonvolatile (SEE)
FCh
<C>TEMPHI
<C>TEMPLO
<C>VCCHI
<C>VCCLO
<D>BMONHI
<D>BMONLO
<D>PMONHI
<D>PMONLO
BIT 7
BIT 0
Layout is identical to WARN3 in Lower Memory, Register 74h. Enables warnings to create TXFINT (Lower Memory,
Register 71h) logic. The MASK bit (Table 02h, Register 88h) determines whether this memory exists in Table 01h or 05h.
BIT 7
TEMP HI [A2h or B2h]:
0 = Disables interrupt from TEMP HI warning.
1 = Enables interrupt from TEMP HI warning.
BIT 6
TEMP LO [A2h or B2h]:
0 = Disables interrupt from TEMP LO warning.
1 = Enables interrupt from TEMP LO warning.
BIT 5
VCC HI [A2h or B2h]:
0 = Disables interrupt from VCC HI warning.
1 = Enables interrupt from VCC HI warning.
BIT 4
VCC LO [A2h or B2h]:
0 = Disables interrupt from VCC LO warning.
1 = Enables interrupt from VCC LO warning.
BIT 3
BMON1 HI [A2h]:
0 = Disables interrupt from BMON1 HI warning.
1 = Enables interrupt from BMON1 HI warning.
BMON1 HI [B2h]:
0 = Disables interrupt from BMON2 HI warning.
1 = Enables interrupt from BMON2 HI warning.
BIT 2
BMON1 LO [A2h]:
0 = Disables interrupt from BMON1 LO warning.
1 = Enables interrupt from BMON1 LO warning.
BMON2 LO [B2h]:
0 = Disables interrupt from BMON2 LO warning.
1 = Enables interrupt from BMON2 LO warning.
BIT 1
PMON1 HI [A2h]:
0 = Disables interrupt from PMON1 HI warning.
1 = Enables interrupt from PMON1 HI warning.
PMON2 HI [B2h]:
0 = Disables interrupt from PMON2 HI warning.
1 = Enables interrupt from PMON2 HI warning.
BIT 0
PMON1 LO [A2h]:
0 = Disables interrupt from PMON1 LO warning.
1 = Enables interrupt from PMON1 LO warning.
PMON2 LO [B2h]:
0 = Disables interrupt from PMON2 LO warning.
1 = Enables interrupt from PMON2 LO warning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com