Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 56Page - Maxim Integrated Products DS1876 Datasheet HTML 57Page - Maxim Integrated Products DS1876 Datasheet HTML 58Page - Maxim Integrated Products DS1876 Datasheet HTML 59Page - Maxim Integrated Products DS1876 Datasheet HTML 60Page - Maxim Integrated Products DS1876 Datasheet HTML 61Page - Maxim Integrated Products DS1876 Datasheet HTML 62Page - Maxim Integrated Products DS1876 Datasheet HTML 63Page - Maxim Integrated Products DS1876 Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
60 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Table 02h, Register C6h: POLARITY
FACTORY DEFAULT
0Fh
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
C6h
RESERVED
RESERVED
RESERVED
RESERVED
MOD2P
APC2P
MOD1P
APC1P
BIT 7
BIT 0
BITS 7:4
RESERVED
BIT 3
MOD2P: MOD2 DAC polarity. The MOD2 DAC (Table 02h, Registers C8h–C9h) range is
000h–3FFh. A setting of 000h creates a pulse-density of zero and 3FFh creates a pulse-density of
1023/1024. This polarity bit allows the user to use GND or VREFIN as the reference. The power-on
of MOD2 DAC is 000h; thus an application that needs VREFIN to be the off state should use the
inverted polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.
BIT 2
APC2P: APC2 DAC polarity. The APC2 DAC (Table 02h, Registers CAh–CBh) range is 000h–3FFh.
A setting of 000h creates a pulse-density of zero, and 3FFh creates a pulse-density of 1023/1024.
This polarity bit allows the user to use GND or VREFIN as the reference. The power-on of APC DAC
is 000h; thus an application that needs VREFIN to be the off state should use the inverted polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.
BIT 1
MOD1P: MOD1 DAC polarity. The MOD1 DAC (Table 02h, Registers CCh–CDh) range is
000h–3FFh. A setting of 000h creates a pulse-density of zero and 3FFh creates a pulse-density of
1023/1024. This polarity bit allows the user to use GND or VREFIN as the reference. The power-on
of MOD1 DAC is 000h; thus an application that needs VREFIN to be the off state should use the
inverted polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.
BIT 0
APC1P: APC1 DAC polarity. The APC1 DAC (Table 02h, Registers CEh–CFh) range is 000h–3FFh.
A setting of 000h creates a pulse-density of zero, and 3FFh creates a pulse-density of 1023/1024.
This polarity bit allows the user to use GND or VREFIN as the reference. The power-on of APC1
DAC is 000h; thus an application that needs VREFIN to be the off state should use the inverted
polarity.
0 = Normal polarity. A setting of 000h results in a pulse-density output of zero held at GND, and a
setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at VREFIN.
1 = Inverted polarity. A setting of 000h results in a pulse-density output of zero held at VREFIN, and
a setting of 3FFh results in a pulsed-density output of 1023/1024 held mostly at GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com