Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products DS1876 Datasheet HTML 32Page - Maxim Integrated Products DS1876 Datasheet HTML 33Page - Maxim Integrated Products DS1876 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
30 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Lower Memory, Register 10h–11h: BMON ALARM HI
Lower Memory, Register 14h–15h: BMON WARN HI
Lower Memory, Register 18h–19h: PMON ALARM HI
Lower Memory, Register 1Ch–1Dh: PMON WARN HI
Lower Memory, Register 12h–13h: BMON ALARM LO
Lower Memory, Register 16h–17h: BMON WARN LO
Lower Memory, Register 1Ah–1Bh: PMON ALARM LO
Lower Memory, Register 1Eh–1Fh: PMON WARN LO
FACTORY DEFAULT
FFFFh
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
10h, 14h,
18h, 1Ch
215
214
213
212
211
210
29
28
11h, 15h,
19h, 1Dh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Voltage measurement updates above this unsigned threshold set its corresponding alarm or warning bit.
Voltage measurements equal to or below this threshold clear its alarm or warning bit.
FACTORY DEFAULT
0000h
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (SEE)
12h, 16h,
1Ah, 1Eh
215
214
213
212
211
210
29
28
13h, 17h,
1Bh, 1Fh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Voltage measurement updates below this unsigned threshold set its corresponding alarm or warning bit. Voltage
measurements equal to or above this threshold clear its alarm or warning bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com