Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products DS1876 Datasheet HTML 53Page - Maxim Integrated Products DS1876 Datasheet HTML 54Page - Maxim Integrated Products DS1876 Datasheet HTML 55Page - Maxim Integrated Products DS1876 Datasheet HTML 56Page - Maxim Integrated Products DS1876 Datasheet HTML 57Page - Maxim Integrated Products DS1876 Datasheet HTML 58Page - Maxim Integrated Products DS1876 Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
______________________________________________________________________________________ 55
SFP Controller with Dual LDD Interface
Table 02h, Register B4h–B7h: PW2
Table 02h, Register B8h: RESERVED
Table 02h, Register B9h: HBIAS2 DAC
FACTORY DEFAULT
FFFF FFFFh
READ ACCESS
N/A
WRITE ACCESS
PW2
MEMORY TYPE
Nonvolatile (SEE)
B4h
231
230
229
228
227
226
225
224
B5h
223
222
221
220
219
218
217
216
B6h
215
214
213
212
211
210
29
28
B7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The PWE value is compared against the value written to this location to enable PW2 access. At power-on, the
PWE value is set to all ones. Thus, writing these bytes to all ones grants PW2 access on power-on without writing
the password entry. All reads of this register are 00h.
FACTORY DEFAULT
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
This register is reserved.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
(PW2 and QT2EN = 0) or (PW1 and RWTBL2 and QT2EN = 0)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Volatile
B9h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The digital value used for the HBIAS2 reference and recalled from Table 06h (Registers E0h–E7h) (transmitter 2) at
the adjusted memory address found in TINDEX. This register is updated at the end of the temperature conversion.
Comparisons greater than VHBIAS2 compared against VBMON2 create an HBAL alarm.
HBIAS2
Full Scale
V
HBIAS2 DAC
256
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com