Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 36Page - Maxim Integrated Products DS1876 Datasheet HTML 37Page - Maxim Integrated Products DS1876 Datasheet HTML 38Page - Maxim Integrated Products DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
40 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Lower Memory, Register 7Fh: TABLE SELECT (TBL SEL)
Table 01h Register Descriptions
Table 01h, Register 80h–F7h: EEPROM
POWER-ON VALUE
TBLSELPON (Table 02h, Register C7h)
READ ACCESS
All
WRITE ACCESS
All
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Volatile
7Fh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The upper memory tables of the DS1876 are accessible by writing the desired table value in this register. The
power-on value of this register is defined by the value written to TBLSELPON (Table 02h, Register C7h).
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1A) or (PW1 and RTBL1A)
WRITE ACCESS
PW2 or (PW1 and RWTBL1A)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (EE)
80h–F7h
EE
EE
EE
EE
EE
EE
EE
EE
BIT 7
BIT 0
EEPROM for PW1 and/or PW2 level access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com