Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 12Page - Maxim Integrated Products DS1876 Datasheet HTML 13Page - Maxim Integrated Products DS1876 Datasheet HTML 14Page - Maxim Integrated Products DS1876 Datasheet HTML 15Page - Maxim Integrated Products DS1876 Datasheet HTML 16Page - Maxim Integrated Products DS1876 Datasheet HTML 17Page - Maxim Integrated Products DS1876 Datasheet HTML 18Page - Maxim Integrated Products DS1876 Datasheet HTML 19Page - Maxim Integrated Products DS1876 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
16 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
For all device addresses sourced from EEPROM (Table
02h, Register 8Bh), the default device addresses are
A2h and B2h until VCC exceeds POA allowing the device
address to be recalled from the EEPROM.
Delta-Sigma Outputs
Four delta-sigma outputs are provided: MOD1, MOD2,
APC1, and APC2. With the addition of an external RC
filter, these outputs provide 10-bit resolution analog
outputs with the full-scale range set by the input REFIN.
Each output is either manually controlled or controlled
using a temperature-indexed LUT.
A delta-sigma DAC has a digital output using pulse-
density modulation. It provides much lower output ripple
than a standard digital PWM output given the same clock
rate and filter components. Before tINIT, the DAC outputs
are high impedance. The external RC filter components
are chosen based on ripple requirements, output load,
delta-sigma frequency, and desired response time.
Figure 6 shows a recommended filter.
For illustrative purposes, a 3-bit example is provided in
Figure 7.
In LUT mode the DACs are each controlled by an LUT
with high-temperature resolution and an OFFSET LUT
with lower temperature resolution. The high-resolution
LUTs each have 2NC resolutions. The OFFSET LUTs
are located in the upper eight registers (F8h
-FFh) of
the table containing each high-resolution LUT. The DAC
values are determined as follows:
DAC value = LUT + 4 x (OFFSET LUT)
An example calculation for MOD1 DAC is as follows:
Assumptions:
1) Temperature is +43NC
2) Table 04h (MOD1 OFFSET LUT), Register FCh = 2Ah
3) Table 04h (MOD1 LUT), Register AAh = 7Bh
Because the temperature is +43NC, the MOD1 LUT index
is AAh and the MOD1 OFFSET LUT index is FCh.
MOD1 DAC = 7Bh + 4 x 2Ah = 123h = 291
Figure 6. Recommended RC Filter for DAC Outputs in Voltage
Mode and Current Sink Mode
Figure 5. Low-Voltage Hysteresis Example
DS1876
DAC
3.24k
Ω
3.24k
Ω
0.01µF
0.01µF
VOLTAGE OUTPUT
DS1876
DAC
1k
Ω
1k
Ω
0.1µF
0.1µF
CURRENT SINK
2kΩ
VPOA
VPOD
VCC
SEE
RECALLED VALUE
RECALLED VALUE
PRECHARGED
TO 0
PRECHARGED
TO 0
PRECHARGED TO 0
SEE RECALL
SEE RECALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com