Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products DS1876 Datasheet HTML 32Page - Maxim Integrated Products DS1876 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
______________________________________________________________________________________ 29
SFP Controller with Dual LDD Interface
Lower Memory, Register 08h–09h: VCC ALARM HI
Lower Memory, Register 0Ch–0Dh: VCC WARN HI
Lower Memory, Register 0Ah–0Bh: VCC ALARM LO
Lower Memory, Register 0Eh–0Fh: VCC WARN LO
FACTORY DEFAULT
FFFFh
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
08h, 0Ch
215
214
213
212
211
210
29
28
09h, 0Dh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Voltage measurement updates above this unsigned threshold set its corresponding alarm or warning bit.
Voltage measurements equal to or below this threshold clear its alarm or warning bit.
FACTORY DEFAULT
0000h
READ ACCESS
All
WRITE ACCESS
PW2 or (PW1 and WLOWER)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
0Ah, 0Eh
215
214
213
212
211
210
29
28
0Bh, 0Fh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Voltage measurement updates below this unsigned threshold set its corresponding alarm or warning bit. Voltage
measurements equal to or above this threshold clear its alarm or warning bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com