Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 49Page - Maxim Integrated Products DS1876 Datasheet HTML 50Page - Maxim Integrated Products DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products DS1876 Datasheet HTML 53Page - Maxim Integrated Products DS1876 Datasheet HTML 54Page - Maxim Integrated Products DS1876 Datasheet HTML 55Page - Maxim Integrated Products DS1876 Datasheet HTML 56Page - Maxim Integrated Products DS1876 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
______________________________________________________________________________________ 53
SFP Controller with Dual LDD Interface
Table 02h, Register 92h–93h: VCC SCALE
Table 02h, Register 94h–97h: RESERVED
Table 02h, RegisteR 98h–99h: BMON2 SCALE
Table 02h, Register 9Ah–9Bh: PMON2 SCALE
Table 02h, Register 9Ch–9Dh: BMON1 SCALE
Table 02h, Register 9Eh–9Fh: PMON1 SCALE
Table 02h, Register A0h–A1h: INTERNAL TEMP OFFSET
FACTORY CALIBRATED
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
92h, 94h,
96h, 98h,
9Ah, 9Ch,
9Eh
215
214
213
212
211
210
29
28
93h, 95h,
97h, 99h,
9Bh, 9Dh,
9Fh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Controls the scaling or gain of the full-scale voltage measurements. The factory-calibrated value produces an FS
voltage of 6.5536V for VCC and 2.5V for BMON2, PMON2, BMON1, and PMON1.
FACTORY CALIBRATED
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
A0h
S
28
27
26
25
24
23
22
A1h
21
20
2-1
2-2
2-3
2-4
2-5
2-6
BIT 7
BIT 0
Allows for offset control of temperature measurement if desired. The final result must be XORed with BB40h
before writing to this register. Factory calibration contains the desired value for a reading in degrees Celsius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com