Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 32Page - Maxim Integrated Products DS1876 Datasheet HTML 33Page - Maxim Integrated Products DS1876 Datasheet HTML 34Page - Maxim Integrated Products DS1876 Datasheet HTML 35Page - Maxim Integrated Products DS1876 Datasheet HTML 36Page - Maxim Integrated Products DS1876 Datasheet HTML 37Page - Maxim Integrated Products DS1876 Datasheet HTML 38Page - Maxim Integrated Products DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
36 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Lower Memory, Register 70h: ALARM3
POWER-ON VALUE
10h
READ ACCESS
All
WRITE ACCESS
N/A
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Volatile
70h
TEMP HI
TEMP LO
VCC HI
VCC LO
BMON HI
BMON LO
PMON HI
PMON LO
BIT 7
BIT 0
BIT 7
TEMP HI: High alarm status for temperature measurement.
0 = (default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 6
TEMP LO: Low alarm status for temperature measurement.
0 = (default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BIT 5
VCC HI: High alarm status for VCC measurement.
0 = (default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 4
VCC LO: Low alarm status for VCC measurement. This bit is set when the VCC supply is below
the POA trip point value. It clears itself when a VCC measurement is completed and the value is
above the low threshold.
0 = Last measurement was equal to or above threshold setting.
1 = (default) Last measurement was below threshold setting.
BIT 3
BMON HI: High alarm status for BMON measurement.
0 = (default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 2
BMON LO: Low alarm status for BMON measurement.
0 = (default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.
BIT 1
PMON HI: High alarm status for PMON measurement.
0 = (default) Last measurement was equal to or below threshold setting.
1 = Last measurement was above threshold setting.
BIT 0
PMON LO: Low alarm status for PMON measurement.
0 = (default) Last measurement was equal to or above threshold setting.
1 = Last measurement was below threshold setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com