Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 2Page - Maxim Integrated Products DS1876 Datasheet HTML 3Page - Maxim Integrated Products DS1876 Datasheet HTML 4Page - Maxim Integrated Products DS1876 Datasheet HTML 5Page - Maxim Integrated Products DS1876 Datasheet HTML 6Page - Maxim Integrated Products DS1876 Datasheet HTML 7Page - Maxim Integrated Products DS1876 Datasheet HTML 8Page - Maxim Integrated Products DS1876 Datasheet HTML 9Page - Maxim Integrated Products DS1876 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
6 ______________________________________________________________________________________
SFP Controller with Dual LDD Interface
MOD_, APC_ ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
ANALOG VOLTAGE MONITORING CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
ANALOG QUICK-TRIP CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Main Oscillator Frequency
fOSC
5
MHz
Delta-Sigma Input-Clock
Frequency
fDS
fOSC/2
MHz
Reference Voltage Input (REFIN)
VREFIN
Minimum 0.1FF to GND
2
VCC
V
Output Range
0
VREFIN
V
Output Resolution
See the Delta-Sigma Outputs section for
details
10
Bits
Output Impedance
RDS
35
100
I
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Resolution
13
Bits
Input/Supply Accuracy
(BMON_, PMON_, VCC)
ACC
At factory setting
0.25
0.5
%FS
Update Rate for Temperature,
BMON_, PMON_, VCC
tRR
64
78
ms
Input/Supply Offset
(BMON_, PMON_, VCC)
VOS
(Note 3)
0
5
LSB
Factory Setting (Note 4)
BMON_, PMON_
2.5
V
VCC
6.5536
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TXP HI, TXP LO Full-Scale
Voltage
2.507
V
HBIAS Full-Scale Voltage
1.25
V
PMON_ Input Resistance
35
50
65
k
W
Resolution
8
Bits
Error
TA = +25°C
±2
%FS
Integral Nonlinearity
-1
+1
LSB
Differential Nonlinearity
-1
+1
LSB
Temperature Drift
-2.5
+2.5
%FS
Offset
-5
+10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com