Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 47Page - Maxim Integrated Products DS1876 Datasheet HTML 48Page - Maxim Integrated Products DS1876 Datasheet HTML 49Page - Maxim Integrated Products DS1876 Datasheet HTML 50Page - Maxim Integrated Products DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products DS1876 Datasheet HTML 53Page - Maxim Integrated Products DS1876 Datasheet HTML 54Page - Maxim Integrated Products DS1876 Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
______________________________________________________________________________________ 51
SFP Controller with Dual LDD Interface
Table 02h, Register 8Dh: RANGING1
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
8Dh
RESERVED
HBIAS12
HBIAS11
HBIAS10
RESERVED
TXP12
TXP11
TXP10
BIT 7
BIT 0
The upper nibble of this byte controls the full-scale range of the QT monitoring for BMON1. The lower nibble of
this byte controls the full-scale range for the QT monitoring for PMON1.
BITS 7, 3
RESERVED (default = 0)
BITS 6:4
HBIAS1[2:0]: HBIAS1 full-scale ranging: 3-bit value to select the full-scale comparison voltage for
BMON1. Default is 000b and creates a full scale of 1.25V.
HBIAS1[2:0]
% OF 1.25V
FS VOLTAGE (V)
000b
100.00
1.250
001b
80.03
1.000
010b
66.71
0.834
011b
50.07
0.626
100b
40.08
0.501
101b
33.41
0.418
110b
28.65
0.358
111b
25.08
0.314
BITS 2:0
TXP1[2:0]: TXP1 full-scale ranging: 3-bit value to select the full-scale comparison voltage for
PMON1. Default is 000b and creates a full scale of 2.5V.
TXP1[2:0]
% OF 2.5V
FS VOLTAGE (V)
000b
100.00
2.507
001b
80.03
2.006
010b
66.71
1.672
011b
50.07
1.255
100b
40.08
1.005
101b
33.41
0.838
110b
28.65
0.718
111b
25.08
0.629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com