Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products DS1876 Datasheet HTML 47Page - Maxim Integrated Products DS1876 Datasheet HTML 48Page - Maxim Integrated Products DS1876 Datasheet HTML 49Page - Maxim Integrated Products DS1876 Datasheet HTML 50Page - Maxim Integrated Products DS1876 Datasheet HTML 51Page - Maxim Integrated Products DS1876 Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
48 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Table 02h, Register 89h: CNFGB
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Nonvolatile (SEE)
89h
IN1C
INVOUT1
ALATCH2
QTLATCH2
WLATCH2
ALATCH1
QTLATCH1
WLATCH1
BIT 7
BIT 0
BIT 7
IN1C: IN1 software control bit (see Figure 10).
0 = IN1 pin’s logic controls OUT1 pin.
1 = OUT1 is active (bit 6 defines the polarity).
BIT 6
INVOUT1: Inverts the active state for OUT1 (see Figure 10).
0 = Noninverted.
1 = Inverted.
BIT 5
ALATCH2: ADC alarm’s comparison latch for transmitter 2. Latches alarms in Lower Memory,
Registers 70h–71h.
0 = ADC alarm and flags reflect the status of the last comparison.
1 = ADC alarm flags remain set.
BIT 4
QTLATCH2: QT’s comparison latch for transmitter 2. Latches QT alarms in Lower Memory,
Registers 72h–73h and 76h.
0 = QT alarm and warning flags reflect the status of the last comparison.
1 = QT alarm and warning flags remain set.
BIT 3
WLATCH2: ADC warning’s comparison latch for transmitter 2. Latches warnings in Lower Memory,
Registers 74h–75h.
0 = ADC warning flags reflect the status of the last comparison.
1 = ADC warning flags remain set.
BIT 2
ALATCH1: ADC alarm’s comparison latch for transmitter 1. Latches alarms in Lower Memory,
Registers 70h–71h.
0 = ADC alarm and flags reflect the status of the last comparison.
1 = ADC alarm flags remain set.
BIT 1
QTLATCH1: QT’s comparison latch for transmitter 1. Latches QT alarms in Lower Memory,
Registers 72h–73h and 76h.
0 = QT alarm and warning flags reflect the status of the last comparison.
1 = QT alarm and warning flags remain set.
BIT 0
WLATCH1: ADC warning’s comparison latch for transmitter 1. Latches warnings in Lower Memory,
Registers 74h–75h.
0 = ADC warning flags reflect the status of the last comparison.
1 = ADC warning flags remain set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com