Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products DS1876 Datasheet HTML 46Page - Maxim Integrated Products DS1876 Datasheet HTML 47Page - Maxim Integrated Products DS1876 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
44 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Table 01h, Register FDh–FFh: RESERVED
Table 02h Register Descriptions
Table 02h, Register 80h: MODE
POWER-ON VALUE
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
These registers are reserved.
POWER-ON VALUE
7Fh
READ ACCESS
PW2 or (PW1 and RWTBL2) or (PW1 and RTBL2)
WRITE ACCESS
PW2 or (PW1 and RWTBL2)
A2h AND B2h MEMORY
Common A2h and B2h memory location
MEMORY TYPE
Volatile
80h
SEEB
MOD2EN
QT2EN
APC2EN
AEN
MOD1EN
QT1EN
APC1EN
BIT 7
BIT 0
BIT 7
SEEB:
0 = (default) Enables EEPROM writes to SEE bytes.
1 = Disables EEPROM writes to SEE bytes during configuration, so that the configuration of the
part is not delayed by the EE cycle time. Once the values are known, write this bit to a 0 and write
the SEE locations again for data to be written to the EEPROM.
BIT 6
MOD2EN:
0 = MOD2 DAC is writable by the user and the LUT recalls are disabled. This allows the user to
interactively test their modules by writing the values for MOD2. The output is updated with the new
value at the end of the write cycle. The I2C STOP condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT for MOD2 DAC.
BIT 5
QT2EN:
0 = QTs (HBIAS, TXP HI, TXP LO) for transmitter 2 are writable by the user and the LUT recalls are
disabled. This allows the user to interactively test their modules by writing to the QT thresholds.
The thresholds are updated with the new values at the end of the write cycle. The I2C STOP
condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT QTs for transmitter 2.
BIT 4
APC2EN:
0 = APC2 DAC is writable by the user and the LUT recalls are disabled. This allows the user to
interactively test their modules by writing the values for APC2. The output is updated with the new
value at the end of the write cycle. The I2C STOP condition is the end of the write cycle.
1 = (default) Enables automatic control of the LUT for APC2 DAC.
BIT 3
AEN:
0 = The temperature-calculated index value TINDEX is writable by the user and the updates
of calculated indexes are disabled. This allows the user to interactively test their modules by
controlling the indexing for the LUTs. The recalled values from the LUTs appear in the DAC
registers after the next completion of a temperature conversion.
1 = (default) The temperature-calculated index value TINDEX is used to control the LUTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com