Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 19Page - Maxim Integrated Products DS1876 Datasheet HTML 20Page - Maxim Integrated Products DS1876 Datasheet HTML 21Page - Maxim Integrated Products DS1876 Datasheet HTML 22Page - Maxim Integrated Products DS1876 Datasheet HTML 23Page - Maxim Integrated Products DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
______________________________________________________________________________________ 23
SFP Controller with Dual LDD Interface
Auxiliary Memory (Device A0h) contains 256 bytes
of EE memory accessible from address 00h–FFh. It is
selected with the device address of A0h.
See the Register Descriptions section for a more com-
plete detail of each byte’s function, as well as for read/
write permissions for each byte.
Shadowed EEPROM
Many nonvolatile memory locations (listed within the
Register Descriptions section) are actually shadowed
EEPROM and are controlled by the SEEB bit in Table
02h, Register 80h.
The DS1876 incorporates shadowed EEPROM memory
locations for key memory addresses that can be writ-
ten many times. By default the shadowed EEPROM bit,
SEEB, is not set and these locations act as ordinary
EEPROM. By setting SEEB, these locations function
like SRAM cells, which allow an infinite number of write
cycles without concern of wearing out the EEPROM.
This also eliminates the requirement for the EEPROM
write time, tWR. Because changes made with SEEB
enabled do not affect the EEPROM, these changes are
not retained through power cycles. The power-on value
is the last value written with SEEB disabled. This func-
tion can be used to limit the number of EEPROM writes
during calibration or to change the monitor thresholds
periodically during normal operation helping to reduce
the number of times EEPROM is written. Figure 14 shows
the memory map and indicates which locations are
shadowed EEPROM.
Figure 14. Memory Map
EEPROM
(256 BYTES)
FFh
I2C ADDRESS A0h
I2C ADDRESS A2h/B2h
00h
ALARM-
ENABLE ROW
(8 BYTES)
PASSWORD ENTRY
(PWE) (4 BYTES)
TABLE-SELECT
BYTE
FFh
80h
F8h
MOD1/2
OFFSET LUT
FFh
F8h
TABLE 01h
(A2h ONLY)
EEPROM
(120 BYTES)
F7h
7Fh
00h
LOWER
MEMORY
FFh
80h
TABLE 02h
NONLOOKUP
TABLE CONTROL
AND
CONFIGURATION
REGISTERS
(B2h ONLY CONTAINS
TRANSMITTER 2-
RELATED REGISTERS)
80h
TABLE 04h
MOD1 (A2h)
MOD2 (B2h)
LOOKUP TABLE
(72 BYTES)
C7h
F8h TABLE 05h
ALARM-ENABLE ROW
(8 BYTES)
ALARM-ENABLE ROW
CAN BE CONFIGURED
TO EXIST AT TABLE 01h
OR TABLE 05h USING
MASK BIT IN TABLE 02h,
REGISTER 88h.
FFh
NOTE 1: IF ASEL = 0, THEN THE MAIN DEVICE I2C SLAVE ADDRESS IS A2h/B2h.
IF ASEL = 1, THEN THE MAIN DEVICE I2C SLAVE ADDRESS IS DETERMINED BY THE VALUE IN
TABLE 02h, REGISTER 8Bh.
NOTE 2: TABLE 00h DOES NOT EXIST.
NOTE 3: ALARM-ENABLE ROW CAN BE CONFIGURED TO EXIST AT TABLE 01h OR TABLE 05h USING THE
MASK BIT IN TABLE 02h, REGISTER 88h.
(APC1/2, HBATH1/2,
TXP HI 1/2, TXP LO 1/2)
OFFSET LUT
FFh
E0h
80h
TABLE 06h
APC1 (A2h)
APC2 (B2h)
LOOKUP TABLE
(72 BYTES)
C7h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com