Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 61Page - Maxim Integrated Products DS1876 Datasheet HTML 62Page - Maxim Integrated Products DS1876 Datasheet HTML 63Page - Maxim Integrated Products DS1876 Datasheet HTML 64Page - Maxim Integrated Products DS1876 Datasheet HTML 65Page - Maxim Integrated Products DS1876 Datasheet HTML 66Page - Maxim Integrated Products DS1876 Datasheet HTML 67Page - Maxim Integrated Products DS1876 Datasheet HTML 68Page - Maxim Integrated Products DS1876 Datasheet HTML 69Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
______________________________________________________________________________________ 67
SFP Controller with Dual LDD Interface
Table 06h, Register E8h–EFh: HTXP LUT
Table 06h, Register F0h–F7h: LTXP LUT
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL46)
WRITE ACCESS
PW2 or (PW1 and RWTBL46)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (EE)
E8h–EFh
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The HTXP LUT is used to temperature compensate the transmit power-high QT threshold (TXP HI). The table
below shows the range of temperature for each byte’s location. The table shows a rising temperature; for a fall-
ing temperature there is 1NC of hysteresis.
E8h
Less than or equal to -8NC
E9h
Greater than -8NC up to +8NC
EAh
Greater than +8NC up to +24NC
EBh
Greater than +24NC up to +40NC
ECh
Greater than +40NC up to +56NC
EDh
Greater than +56NC up to +72NC
EEh
Greater than +72NC up to +88NC
EFh
Greater than +88NC
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL46)
WRITE ACCESS
PW2 or (PW1 and RWTBL46)
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Nonvolatile (EE)
F0h–F7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
The LTXP LUT is used to temperature compensate the transmit power-low QT threshold (TXP LO). The table
below shows the range of temperature for each byte’s location. The table shows a rising temperature; for a fall-
ing temperature there is 1NC of hysteresis.
F0h
Less than or equal to -8NC
F1h
Greater than -8NC up to +8NC
F2h
Greater than +8NC up to +24NC
F3h
Greater than +24NC up to +40NC
F4h
Greater than +40NC up to +56NC
F5h
Greater than +56NC up to +72NC
F6h
Greater than +72NC up to +88NC
F7h
Greater than +88NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com