Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products DS1876 Datasheet HTML 32Page - Maxim Integrated Products DS1876 Datasheet HTML 33Page - Maxim Integrated Products DS1876 Datasheet HTML 34Page - Maxim Integrated Products DS1876 Datasheet HTML 35Page - Maxim Integrated Products DS1876 Datasheet HTML 36Page - Maxim Integrated Products DS1876 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
______________________________________________________________________________________ 33
SFP Controller with Dual LDD Interface
Lower Memory, Register 64h–65h: BMON VALUE
Lower Memory, Register 66h–67h: PMON VALUE
Lower Memory, Register 68h–6Dh: RESERVED
POWER-ON VALUE
0000h
READ ACCESS
All
WRITE ACCESS
N/A
A2h AND B2h MEMORY
Different A2h and B2h memory locations
MEMORY TYPE
Volatile
64h, 66h
215
214
213
212
211
210
29
28
65h, 67h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Left-justified unsigned voltage measurement.
POWER-ON VALUE
READ ACCESS
N/A
WRITE ACCESS
N/A
A2h AND B2h MEMORY
N/A
MEMORY TYPE
N/A
68h, 6Dh
0
0
0
0
0
0
0
0
BIT 7
BIT 0
These registers are reserved. The value when read is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com