Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 14Page - Maxim Integrated Products DS1876 Datasheet HTML 15Page - Maxim Integrated Products DS1876 Datasheet HTML 16Page - Maxim Integrated Products DS1876 Datasheet HTML 17Page - Maxim Integrated Products DS1876 Datasheet HTML 18Page - Maxim Integrated Products DS1876 Datasheet HTML 19Page - Maxim Integrated Products DS1876 Datasheet HTML 20Page - Maxim Integrated Products DS1876 Datasheet HTML 21Page - Maxim Integrated Products DS1876 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
18 _____________________________________________________________________________________
SFP Controller with Dual LDD Interface
Digital I/O Pins
Six digital input pins and five digital output pins are pro-
vided for monitoring and control.
IN1, RSEL, OUT1, RSELOUT
Digital input pins IN1 and RSEL primarily serve to meet
the rate-select requirements of SFP and SFP+. They
can also serve as general-purpose inputs. OUT1 and
RSELOUT are driven by a combination of the IN1, RSEL,
and logic dictated by control registers in the EEPROM
(see Figure 10). The levels of IN1 and RSEL can be
read from the STATUS register (Lower Memory, Register
6Eh). The open-drain output OUT1 can be controlled
and/or inverted using the CNFGB register (Table 02h,
Register 89h). The open-drain RSELOUT output is
software controlled and/or inverted through the STATUS
register and CNFGA register (Table 02h, Register 88h).
External pullup resistors must be provided on OUT1 and
RSELOUT to realize high logic levels.
TXF1, TXF2, TXFOUT, TXD1, TXD2,
TXDOUT1, TXDOUT2
TXDOUT1 and TXDOUT2 are generated from a com-
bination of TXF1, TXF2, TXD1, TXD2, and the internal
signals FETG1 and FETG2 (Table 02h, Register 8Ah). A
software control identical to TXD1 and TXD2 is also avail-
able (TXDC1 and TXDC2, Lower Memory, Register 6Eh).
A TXD1 or TXD2 pulse is internally extended (TXDEXT)
by time tINITR1 to inhibit the latching of low alarms and
warnings related to the APC loop to allow for the loop to
stabilize. The nonlatching alarms and warnings are TXP
LO, BMON1 LO, BMON2 LO, PMON1 LO, and PMON2
LO. In addition, TXP LO is disabled from creating FETG.
See the Transmit Fault (TXFOUT) Output section for a
detailed explanation of TXFOUT. As shown in Figure 9,
the same signals and faults can also be used to gener-
ate the internal signal FETG. FETG is used to send a fast
“turn-off” command to the laser driver. The intended use
is a direct connection to the laser driver’s TXD1, TXD2
input if this is desired. When VCC < POA, TXDOUT1 and
TXDOUT2 are high impedance.
Figure 9. Logic Diagram 1
Figure 10. Logic Diagram 2
C
C
D
Q
Q
S
R
OUT
IN
TXDS_
TXFS_
RPU
SET BIAS_ DAC AND
MOD_ DAC TO HIGH
IMPEDANCE
TXD_
TXFINT
INVTXF_
TXFOUTS1
TXFOUTS2
TXF_
TXP_ HI FLAG
TXP HI ENABLE
HBAL_ FLAG
HBAL ENABLE
QTHEXT_
TXP_ LO FLAG
TXP LO ENABLE
TXDEXT (tINITR1)
TXDC_
VCC
TXD_
TXDOUT_
TXFOUTS_
TXDIO_
TXDFG_
FETG_
TXDFLT_
FAULT RESET TIMER
(130ms)
IN
OUT
POWER-ON
RESET
TXFOUT
NOTE:
_ CAN BE EITHER 1 OR 2 CORRESPONDING TO TRANSMITTERS 1 OR 2.
REFERS TO A PIN.
INVOUT1
IN1C
IN1
IN1S
OUT1
INVRSOUT
RSELOUT
RSELC
RSEL
RSELS
= PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com