Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 21Page - Maxim Integrated Products DS1876 Datasheet HTML 22Page - Maxim Integrated Products DS1876 Datasheet HTML 23Page - Maxim Integrated Products DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
______________________________________________________________________________________ 25
SFP Controller with Dual LDD Interface
Lower Memory Register Map
Table 01h Register Map
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
Note: The ALARM ENABLE bytes (Registers F8h–FFh) can be configured to exist in Table 05h instead of here at Table 01h with
the MASK bit (Table 02h, Register 88h). If the row is configured to exist in Table 05h, these location are empty in Table 01h.
The access codes represent the factory default values of PW_ENA and PW_ENB (Table 02h, Registers C0h–C1h).
These registers also allow for custom permissions.
LOWER MEMORY
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
00
<1/C> THRESHOLD0
TEMP ALARM HI
TEMP ALARM LO
TEMP WARN HI
TEMP WARN LO
08
<1/C > THRESHOLD1
VCC ALARM HI
VCC ALARM LO
VCC WARN HI
VCC WARN LO
10
<1/D> THRESHOLD2
BMON ALARM HI
BMON ALARM LO
BMON WARN HI
BMON WARN LO
18
<1/D> THRESHOLD3
PMON ALARM HI
PMON ALARM LO
PMON WARN HI
PMON WARN LO
20–40
<1/C > EEPROM
EE
EE
EE
EE
48–50
<1/D > EEPROM
EE
EE
EE
EE
58
<1/C > EEPROM
EE
EE
EE
EE
EE
EE
EE
EE
60
<2/M> ADC VALUES0
<C>TEMP VALUE
<C> VCC VALUE
<D>BMON VALUE
<D>PMON VALUE
68
<0/M> ADC VALUES1
RESERVED
RESERVED
RESERVED
<0/M>STATUS
<3/D> UPDATE
70
<5/D> ALARM/WARN
ALARM3
ALARM2
ALARM1
RESERVED
WARN3
RESERVED
RESERVED
RESERVED
78
<0/M> TABLE SELECT
RESERVED
RESERVED
RESERVED
<6/C> PWE MSW
<6/C> PWE LSW
<5/D> TBL SEL
TABLE 01h
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–F7
<1/C> EEPROM
EE
EE
EE
EE
EE
EE
EE
EE
F8
<7/M>ALARM ENABLE <M>ALARM EN3
RESERVED
<D>ALARM EN1
RESERVED
<M>WARN EN3
RESERVED
RESERVED
RESERVED
ACCESS
CODE
<0/_>
<1/_>
<2/_>
<3/_>
<4/_>
<5/_>
<6/_>
<7/_>
<8/_>
<9/_>
<10/_>
<11/_>
Read
Access
See each
bit/byte
separately
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
PW2
N/A
All and
DS1876
Hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com