Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 37Page - Maxim Integrated Products DS1876 Datasheet HTML 38Page - Maxim Integrated Products DS1876 Datasheet HTML 39Page - Maxim Integrated Products DS1876 Datasheet HTML 40Page - Maxim Integrated Products DS1876 Datasheet HTML 41Page - Maxim Integrated Products DS1876 Datasheet HTML 42Page - Maxim Integrated Products DS1876 Datasheet HTML 43Page - Maxim Integrated Products DS1876 Datasheet HTML 44Page - Maxim Integrated Products DS1876 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
______________________________________________________________________________________ 41
SFP Controller with Dual LDD Interface
Table 01h, Register F8h: ALARM EN3
POWER-ON VALUE
00h
READ ACCESS
PW2 or (PW1 and RWTBL1C) or (PW1 and RTBL1C)
WRITE ACCESS
PW2 or (PW1 and RWTBL1C)
A2h AND B2h MEMORY
Mixture of common memory locations and different memory locations (see the
descriptions below)
MEMORY TYPE
Nonvolatile (SEE)
F8h
<C>TEMP HI
<C>TEMPLO
<C>VCCHI
<C>VCC LO
<D>BMON HI
<D>BMONLO
<D>PMON HI
<D>PMONLO
BIT 7
BIT 0
Layout is identical to ALARM3 in Lower Memory, Register 70h. Enables alarms to create TXFINT (Lower Memory,
Register 71h) logic. The MASK bit (Table 02h, Register 88h) determines whether this memory exists in Table 01h or 05h.
BIT 7
TEMP HI [A2h or B2h]:
0 = Disables interrupt from TEMP HI alarm.
1 = Enables interrupt from TEMP HI alarm.
BIT 6
TEMP LO [A2h or B2h]:
0 = Disables interrupt from TEMP LO alarm.
1 = Enables interrupt from TEMP LO alarm.
BIT 5
VCC HI [A2h or B2h]:
0 = Disables interrupt from VCC HI alarm.
1 = Enables interrupt from VCC HI alarm.
BIT 4
VCC LO [A2h or B2h]:
0 = Disables interrupt from VCC LO alarm.
1 = Enables interrupt from VCC LO alarm.
BIT 3
BMON1 HI [A2h]:
0 = Disables interrupt from BMON1 HI alarm.
1 = Enables interrupt from BMON1 HI alarm.
BMON2 HI [B2h]:
0 = Disables interrupt from BMON2 HI alarm.
1 = Enables interrupt from BMON2 HI alarm.
BIT 2
BMON1 LO [A2h]:
0 = Disables interrupt from BMON1 LO alarm.
1 = Enables interrupt from BMON1 LO alarm.
BMON2 LO [B2h]:
0 = Disables interrupt from BMON2 LO alarm.
1 = Enables interrupt from BMON2 LO alarm.
BIT 1
PMON1 HI [A2h]:
0 = Disables interrupt from PMON1 HI alarm.
1 = Enables interrupt from PMON1 HI alarm.
PMON2 HI [B2h]:
0 = Disables interrupt from PMON2 HI alarm.
1 = Enables interrupt from PMON2 HI alarm.
BIT 0
PMON1 LO [A2h]:
0 = Disables interrupt from PMON1 LO alarm.
1 = Enables interrupt from PMON1 LO alarm.
PMON2 LO [B2h]:
0 = Disables interrupt from PMON2 LO alarm.
1 = Enables interrupt from PMON2 LO alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com