Electronic Components Datasheet Search
  English  ▼

X  

DS1876 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # DS1876
Description  SFP Controller with Dual LDD Interface
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1876 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button DS1876 Datasheet HTML 23Page - Maxim Integrated Products DS1876 Datasheet HTML 24Page - Maxim Integrated Products DS1876 Datasheet HTML 25Page - Maxim Integrated Products DS1876 Datasheet HTML 26Page - Maxim Integrated Products DS1876 Datasheet HTML 27Page - Maxim Integrated Products DS1876 Datasheet HTML 28Page - Maxim Integrated Products DS1876 Datasheet HTML 29Page - Maxim Integrated Products DS1876 Datasheet HTML 30Page - Maxim Integrated Products DS1876 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
______________________________________________________________________________________ 27
SFP Controller with Dual LDD Interface
Table 05h Register Map
Table 06h Register Map
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
Note: Table 05h is empty by default. It can be configured to contain the alarm and warning enable bytes from Table 01h,
Registers F8h–FFh with the MASK bit enabled (Table 02h, Register 88h). In this case Table 01h is empty.
Auxiliary Memory A0h Register Map
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
The access codes represent the factory default values of PW_ENA and PW_ENB (Table 02h, Registers C0h–C1h).
These registers also allow for custom permissions.
<C> or <_/C> = Common, <D> or <_/D> = Different, <M> or <_/M> = Mixture of common and different.
TABLE 05h
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–F7
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
F8
<7/M> ALARM ENABLE <M>ALARM EN3
RESERVED
<D>ALARM EN1
RESERVED
<M>WARN EN3
RESERVED
RESERVED
RESERVED
TABLE 06h (APC LUT)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
80–C7
<8/D> LUT6
APC LUT
APC LUT
APC LUT
APC LUT
APC LUT
APC LUT
APC LUT
APC LUT
C8–DF
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
EMPTY
E0
<8/D> HBATH
HBATH LUT
HBATH LUT
HBATH LUT
HBATH LUT
HBATH LUT
HBATH LUT
HBATH LUT
HBATH LUT
E8
<8/D> HTXP
HTXP LUT
HTXP LUT
HTXP LUT
HTXP LUT
HTXP LUT
HTXP LUT
HTXP LUT
HTXP LUT
F0
<8/D> LTXP
LTXP LUT
LTXP LUT
LTXP LUT
LTXP LUT
LTXP LUT
LTXP LUT
LTXP LUT
LTXP LUT
F8
<8/D> APC OFFSET
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
APC OFFSET
LUT
AUXILIARY MEMORY (A0h)
ROW
(HEX)
ROW NAME
WORD 0
WORD 1
WORD 2
WORD 3
BYTE 0/8
BYTE 1/9
BYTE 2/A
BYTE 3/B
BYTE 4/C
BYTE 5/D
BYTE 6/E
BYTE 7/F
00–7F
<5> AUX EE
EE
EE
EE
EE
EE
EE
EE
EE
80–FF
<5> AUX EE
EE
EE
EE
EE
EE
EE
EE
EE
ACCESS
CODE
<0/_>
<1/_>
<2/_>
<3/_>
<4/_>
<5/_>
<6/_>
<7/_>
<8/_>
<9/_>
<10/_>
<11/_>
Read
Access
See each
bit/byte
separately
All
All
All
PW2
All
N/A
PW1
PW2
N/A
PW2
All
Write
Access
PW2
N/A
All and
DS1876
Hardware
PW2 +
mode
bit
All
All
PW1
PW2
PW2
N/A
PW1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com