Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 147Page - Texas Instruments AM3892 Datasheet HTML 148Page - Texas Instruments AM3892 Datasheet HTML 149Page - Texas Instruments AM3892 Datasheet HTML 150Page - Texas Instruments AM3892 Datasheet HTML 151Page - Texas Instruments AM3892 Datasheet HTML 152Page - Texas Instruments AM3892 Datasheet HTML 153Page - Texas Instruments AM3892 Datasheet HTML 154Page - Texas Instruments AM3892 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 299 page
background image
DDR_CLK
1
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.3
DDR2/3 Memory Controller
The device has a dedicated interface to DDR3 and DDR2 SDRAM. It supports JEDEC standard-compliant
DDR2 and DDR3 SDRAM devices with the following features:
•
16-bit or 32-bit data path to external SDRAM memory
•
Memory device capacity: 64Mb, 128Mb, 256Mb, 512Mb, 1Gb, and 2Gb devices
•
Support for two independent chip selects, with their corresponding register sets, and independent page
tracking
•
Two interfaces with associated DDR2/3 PHYs
•
Dynamic memory manager allows for interleaving of data between the two DDR interfaces.
For details on the DDR2/3 Memory Controller, see the DDR2/3 Memory Controller chapter in the AM38x
Sitara ARM Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.3.1
DDR2 Routing Guidelines
CAUTION
The DDR2 Routing Guidelines are preliminary and are being verified by design
simulations.
8.3.1.1
Board Designs
TI only supports board designs that follow the guidelines outlined in this document. The switching
characteristics and the timing diagram for the DDR2 memory controller are shown in Table 8-1 and
Figure 8-4.
Table 8-1. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller
-1G
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(DDR_CLK)
Cycle time, DDR_CLK
2.5
8
ns
Figure 8-4. DDR2 Memory Controller Clock Timing
8.3.1.2
DDR2 Interface
This section provides the timing specification for the DDR2 interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable DDR2 memory system without the need
for a complex timing closure process. For more information regarding the guidelines for using this DDR2
specification, see Understanding TI’s PCB Routing Rule-Based DDR2 Timing Specification Application
Report (SPRAAV0).
8.3.1.2.1 DDR2 Interface Schematic
Figure 8-5 shows the DDR2 interface schematic for a x32 DDR2 memory system. In Figure 8-6 the x16
DDR2 system schematic is identical except that the high-word DDR2 device is deleted.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
151
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com