Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 148Page - Texas Instruments AM3892 Datasheet HTML 149Page - Texas Instruments AM3892 Datasheet HTML 150Page - Texas Instruments AM3892 Datasheet HTML 151Page - Texas Instruments AM3892 Datasheet HTML 152Page - Texas Instruments AM3892 Datasheet HTML 153Page - Texas Instruments AM3892 Datasheet HTML 154Page - Texas Instruments AM3892 Datasheet HTML 155Page - Texas Instruments AM3892 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 299 page
background image
DDR[x]_D[0]
DDR[x]_D[7]
DDR[x]_DQM[0]
DDR[x]_DQS[0]
DDR[x]_DQS[0]
DDR[x]_D[8]
DDR[x]_D[15]
DDR[x]_DQM[1]
DDR[x]_DQS[1]
DDR[x]_DQS[1]
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR_D16
DDR[x]_D[23
DDR[x]_DQM[2]
DDR[x]_DQS[2]
DDR[x]_DQS[2]
DDR[x]_D[24]
DDR[x]_D[31]
DDR[x]_DQM[3]
DDR[x]_DQS[3]
DDR[x]_DQS[3]
DDR[x]_BA[0]
DDR[x]_BA[2]
DDR[x]_A[0]
DDR[x]_A[14]
DDR[x]_CS[0]
DDR[x]_CAS
DDR[x]_RAS
DDR[x]_WE
DDR[x]_CKE
DDR[x]_CLK[x]
DDR[x]_CLK[x]
ODT
VREFSSTL_DDR[x]
1 K
1%
Vio 1.8
(A)
DDR2
DDR2
VREF
0.1 µF
VREF
VREF
0.1 µF
1 K
1%
0.1 µF
(B)
0.1 µF
(B)
DDR_ODT1
NC
ODT
50
2
(± %)
DDR[x]_VTP
0.1 µF
(B)
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
Termination is required. See terminator comments.
DDR[x]_ODT[0]
DDR[x]_CS[1]
NC
DDR[x]_RST
NC
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
A.
Vio1.8 is the power supply for the DDR2 memories and the AM389x DDR2 interface.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a VREF pin.
Figure 8-5. 32-Bit DDR2 High-Level Schematic
152
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com