Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 152Page - Texas Instruments AM3892 Datasheet HTML 153Page - Texas Instruments AM3892 Datasheet HTML 154Page - Texas Instruments AM3892 Datasheet HTML 155Page - Texas Instruments AM3892 Datasheet HTML 156Page - Texas Instruments AM3892 Datasheet HTML 157Page - Texas Instruments AM3892 Datasheet HTML 158Page - Texas Instruments AM3892 Datasheet HTML 159Page - Texas Instruments AM3892 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 299 page
background image
A1
A1
X
Recommended DDR2 Device
Orientation
Y
X
1
X
1
OFFSET
X
1
OFFSET
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.3.1.2.4 Placement
Figure 8-7 shows the required placement for the MPU as well as the DDR2 devices. The dimensions for
this figure are defined in Table 8-5. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device is omitted
from the placement.
Figure 8-7. AM389x Device and DDR2 Device Placement
Table 8-5. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X + Y(1)(2)
1660
Mils
2
X'(1)(2)
1280
Mils
3
X' Offset(1)(2) (3)
650
Mils
4
DDR2 keepout region(4)
5
Clearance from non-DDR2 signal to DDR2 keepout region(5)
4
w
(1)
For dimension definitions, see Figure 8-5.
(2)
Measurements from center of MPU to center of DDR2 device.
(3)
For 16-bit memory systems, it is recommended that X' offset be as small as possible.
(4)
DDR2 keepout region to encompass entire DDR2 routing area.
(5)
Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
156
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com