Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 160 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 156Page - Texas Instruments AM3892 Datasheet HTML 157Page - Texas Instruments AM3892 Datasheet HTML 158Page - Texas Instruments AM3892 Datasheet HTML 159Page - Texas Instruments AM3892 Datasheet HTML 160Page - Texas Instruments AM3892 Datasheet HTML 161Page - Texas Instruments AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments AM3892 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 299 page
background image
A1
A1
C
B
A´´
T
A = A´ + A´´
A´
A1
E0
T
E1
T
E2
E3
T
T
A1
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.3.1.3
DDR2 CK and ADDR_CTRL Routing
Figure 8-10 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
(A'+A'') should be maximized.
Figure 8-10. CK and ADDR_CTRL Routing and Topology
Table 8-11. CK and ADDR_CTRL Routing Specification (1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center CK-CK spacing
2w
2
CK/CK skew(1)
25
Mils
3
CK B-to-C skew length mismatch
25
Mils
4
Center-to-center CK to other DDR2 trace spacing(2)
4w
5
CK/ADDR_CTRL nominal trace length(3)
CACLM-50
CACLM
CACLM+50
Mils
6
ADDR_CTRL-to-CK skew length mismatch
100
Mils
7
ADDR_CTRL-to-ADDR_CTRL skew length mismatch
100
Mils
8
Center-to-center ADDR_CTRL to other DDR2 trace spacing(2)
4w
9
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(2)
3w
10
ADDR_CTRL B-to-C skew length mismatch
100
Mils
(1)
The length of segment A=A'+A
′′ as shown in Figure 8-10.
(2)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
Figure 8-11 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
Figure 8-11. DQS and DQ Routing and Toplogy
160
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com