Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 164 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 160Page - Texas Instruments AM3892 Datasheet HTML 161Page - Texas Instruments AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments AM3892 Datasheet HTML 164Page - Texas Instruments AM3892 Datasheet HTML 165Page - Texas Instruments AM3892 Datasheet HTML 166Page - Texas Instruments AM3892 Datasheet HTML 167Page - Texas Instruments AM3892 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 299 page
background image
DDR[x]_CLK[1]
DQ7
DQ0
DM/TQS
DQS
DQS
DQ7
DQ0
DM/TQS
DQS
DQS
CK
DDR[x]_D[31]
DDR[x]_D[24]
8-Bit DDR3
Devices
0.1 µF
NC
50
2
(± %)
0.1 µF
0.1 µF
32-bit DDR3 EMIF
DDR[0] or DDR[1]
DDR[x]_CLK[1]
DDR[x]_ODT[1]
DDR[x]_CS[1]
DDR[x]_DQM[3]
DDR[x]_DQS[3]
DDR[x]_DQS[3]
DDR[x]_D[23]
DDR[x]_D[16]
DDR[x]_DQM[2]
DDR[x]_DQS[2]
DDR[x]_DQS[2]
DDR[x]_D[15]
DDR[x]_D[8]
DDR[x]_DQM[1]
DDR[x]_DQS[1]
DDR[x]_DQS[1]
DDR[x]_D[7]
DDR[x]_D[0]
DDR[x]_DQM[0]
DDR[x]_DQS[0]
DDR[x]_DQS[0]
DDR[x]_CLK[0]
DDR[x]_CLK[0]
DDR[x]_ODT[0]
DDR[x]_CS[0]
DDR[x]_BA[0]
DDR[x]_BA[1]
DDR[x]_BA[2]
DDR[x]_A[0]
DDR[x]_A[14]
DDR[x]_CAS
DDR[x]_RAS
DDR[x]_WE
DDR[x]_CKE
DDR[x]_RST
VREFSSTL_DDR[x]
DDR[x]_VTP
NC
NC
NC
8
8
8
8
15
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
CK
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
Termination is required. See terminator comments.
Zo
Value determined according to the DDR memory device data sheet.
ZQ
DQ7
DQ0
DM/TQS
DQS
DQS
CK
DQ7
DM/TQS
DQS
DQS
8-Bit DDR3
Devices
0.1 µF
0.1 µF
DQ0
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
CK
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
DDR_1V5
ZQ
ZQ
TDQS
NC
NC
TDQS
TDQS
NC
TDQS
NC
0.1 µF
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Figure 8-14. 32-Bit, One-Bank DDR3 Interface Schematic Using Four 8-Bit DDR3 Devices
164
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com