Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 162 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 158Page - Texas Instruments AM3892 Datasheet HTML 159Page - Texas Instruments AM3892 Datasheet HTML 160Page - Texas Instruments AM3892 Datasheet HTML 161Page - Texas Instruments AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments AM3892 Datasheet HTML 164Page - Texas Instruments AM3892 Datasheet HTML 165Page - Texas Instruments AM3892 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.3.2.1.1 DDR3 versus DDR2
This specification only covers AM389x MPU PCB designs that utilize DDR3 memory. Designs using DDR2
memory should use the PCB design specifications for DDR2 memory in Section 8.3.1. While similar, the
two memory systems have different requirements. It is currently not possible to design one PCB that
covers both DDR2 and DDR3.
8.3.2.2
DDR3 Device Combinations
Since there are several possible combinations of device counts and single- or dual-side mounting,
Table 8-14 summarizes the supported device configurations.
Table 8-14. Supported DDR3 Device Combinations(1)
NUMBER OF DDR3 DEVICES
DDR3 DEVICE WIDTH (BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(2)
16
2
16
N
32
2
16
Y(2)
32
4
8
N
32
4
8
Y(3)
32
(1)
This table is per EMIF.
(2)
Two DDR3 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(3)
This is two mirrored pairs of DDR3 devices.
8.3.2.2.1 DDR3 EMIFs
The MPU contains two separate DDR3 EMIFs. This specification covers one of these EMIFs (DDR[0])
and, thus, needs to be implemented twice, once for each EMIF. The PCB layout generally turns out to be
a semi-mirror with DDR[1] being a flipped version of DDR[0]; the only exception being the DDR3 devices
themselves are not flipped unless mounted on opposite sides of the PCB. Requirements are identical
between the two EMIFs.
8.3.2.3
DDR3 Interface Schematic
8.3.2.3.1 32-Bit DDR3 Interface
The DDR3 interface schematic varies, depending upon the width of the DDR3 devices used and the width
of the bus used (16 or 32 bits). General connectivity is straightforward and very similar. 16-bit DDR
devices look like two 8-bit devices. Figure 8-13 and Figure 8-14 show the schematic connections for 32-bit
interfaces using x16 devices.
8.3.2.3.2 16-Bit DDR3 Interface
Note that the 16-bit wide interface schematic is practically identical to the 32-bit interface (see Figure 8-13
and Figure 8-14); only the high-word DDR memories are removed and the unused DQS inputs are tied off.
The MPU DDR[x]_DQS[2] and DDR[x]_DQS[3] pins should be pulled to the DDR supply via 1-k
Ω
resistors. Similarly, the DDR[x]_DQS[2] and DDR[x]_DQS[3] pins should be pulled to ground via 1-k
Ω
resistors.
When not using a DDR interface, the proper method of handling the unused pins is to tie off the DQS pins
by pulling the non-inverting DQS pin to the DDR_1V5 supply via a 1k-
Ω resistor and pulling the inverting
DQSn pin to ground via a 1k-
Ω resistor. This needs to be done for each byte not used. Also, include the
50-
Ω pulldown for DDR[x]_VTP. All other DDR interface pins can be left unconnected. Note that the
supported modes for use of the DDR EMIF are 32 bits wide, 16 bits wide, or not used.
162
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com