Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 157Page - Texas Instruments AM3892 Datasheet HTML 158Page - Texas Instruments AM3892 Datasheet HTML 159Page - Texas Instruments AM3892 Datasheet HTML 160Page - Texas Instruments AM3892 Datasheet HTML 161Page - Texas Instruments AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments AM3892 Datasheet HTML 164Page - Texas Instruments AM3892 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 299 page
background image
DDR_CLK
1
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-12. DQS and DQ Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center DQS-DQSn spacing in E0|E1|E2|E3
2w
2
DQS-DQSn skew in E0|E1|E2|E3
25
Mils
3
Center-to-center DQS to other DDR2 trace spacing(1)
4w
4
DQS/DQ nominal trace length (2)(3)(4)
DQLM-50
DQLM
DQLM+50
Mils
5
DQ-to-DQS skew length mismatch(2)(3)(4)
100
Mils
6
DQ-to-DQ skew length mismatch(2)(3)(4)
100
Mils
7
DQ-to-DQ/DQS via count mismatch(2)(3)(4)
1
Vias
8
Center-to-center DQ to other DDR2 trace spacing(1)(5)
4w
9
Center-to-center DQ to other DQ trace spacing(1)(6)(7)
3w
10
DQ/DQS E skew length mismatch(2)(3)(4)
100
Mils
(1)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2)
A 16-bit DDR memory system has two sets of data net classes; one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs) per DDR EMIF used.
(3)
A 32-bit DDR memory system has four sets of data net classes; one each for data bytes 0 through 3, and each associated with a DQS
(4 DQSs) per DDR EMIF used.
(4)
There is no need, and it is not recommended, to skew match across data bytes; i.e., from DQS0 and data byte 0 to DQS1 and data
byte 1.
(5)
DQs from other DQS domains are considered other DDR2 trace.
(6)
DQs from other data bytes are considered other DDR2 trace.
(7)
DQLM is the longest Manhattan distance of each of the DQS and DQ net classes.
8.3.2
DDR3 Routing Guidelines
CAUTION
The DDR3 Routing Guidelines are preliminary and are being verified by design
simulations.
8.3.2.1
Board Designs
TI only supports board designs utilizing DDR3 memory that follow the guidelines in this document. The
switching characteristics and timing diagram for the DDR3 memory controller are shown in Table 8-13 and
Figure 8-12.
Table 8-13. Switching Characteristics Over Recommended Operating Conditions for DDR3 Memory
Controller
-1G
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(DDR_CLK)
Cycle time, DDR_CLK
1.25
3.3(1)
ns
(1)
This is the absolute maximum the clock period can be. Actual maximum clock period may be limited by DDR3 speed grade and
operating frequency (see the DDR3 memory device data sheet).
Figure 8-12. DDR3 Memory Controller Clock Timing
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
161
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com